Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7807VD2PbF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF7807VD2PbF
Description  Co-Pack N-channel HEXFET짰 Power MOSFET and Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7807VD2PbF Fiches technique(HTML) 2 Page - International Rectifier

  IRF7807VD2PbF Datasheet HTML 1Page - International Rectifier IRF7807VD2PbF Datasheet HTML 2Page - International Rectifier IRF7807VD2PbF Datasheet HTML 3Page - International Rectifier IRF7807VD2PbF Datasheet HTML 4Page - International Rectifier IRF7807VD2PbF Datasheet HTML 5Page - International Rectifier IRF7807VD2PbF Datasheet HTML 6Page - International Rectifier IRF7807VD2PbF Datasheet HTML 7Page - International Rectifier IRF7807VD2PbF Datasheet HTML 8Page - International Rectifier IRF7807VD2PbF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF7807VD2PbF
2
www.irf.com
Parameter
Min
Typ
Max
Units
Conditions
Drain-to-Source
BV
DSS
30
V
V
GS = 0V, ID = 250µA
Breakdown Voltage
Static Drain-Source
R
DS(on)
17
25
m
V
GS = 4.5V, ID = 7.0A‚
on Resistance
Gate Threshold Voltage
V
GS(th)
1.0
V
V
DS = VGS,ID = 250µA
Drain-Source Leakage
I
DSS
50
µA
V
DS = 24V, VGS = 0
Current*
6.0
mA
V
DS = 24V, VGS = 0,
Tj = 100°C
Gate-Source Leakage
I
GSS
±100
nA
V
GS = ±20V
Current*
Total Gate Charge*
Q
G
9.5
14
V
GS=4.5V,
I
D=7.0A
Pre-Vth
Q
GS1
2.3
Gate-Source Charge
V
DS = 16V
Post-Vth
Q
GS2
1.0
nC
Gate-Source Charge
Gate to Drain Charge
Q
GD
2.4
Switch Chg(Q
gs2 + Qgd)
Q
sw
3.4
5.2
Output Charge*
Q
oss
12
16.8
V
DS = 16V, VGS = 0
Gate Resistance
R
G
2.0
Turn-on Delay Time
t
d (on)
6.3
V
DD = 16V, ID = 7.0A
Rise Time
t
r
1.2
ns
V
GS = 5V,
R
G= 2
Turn-off Delay Time
t
d (off)
11
Resistive Load
Fall Time
t
f
2.2
Electrical Characteristics
Current
Notes:  Repetitive rating; pulse width limited by max. junction temperature.
‚
Pulse width
≤ 400 µs; duty cycle ≤ 2%.
ƒ
When mounted on 1 inch square copper board
„
50% Duty Cycle, Rectangular
… Typical values of RDS(on) measured at V
GS = 4.5V, QG, QSW and QOSS
measured at V
GS = 5.0V, IF = 7.0A.
*
Device are 100% tested to these parameters.
Schottky Diode & Body Diode Ratings and Characteristics
Parameter
Min
Typ
Max
Units
Conditions
Diode Forward Voltage
V
SD
0.54
V
T
j = 25°C, Is = 3.0A, VGS =0V‚
0.43
T
j = 125°C, Is = 3.0A, VGS =0V‚
Reverse Recovery Time
trr
36
ns
T
j = 25°C, Is = 7.0A, VDS = 16V
Reverse Recovery Charge
Qrr
41
nC
di/dt = 100A/µs
Forward Turn-On Time
t
on
Intrinsic turn-on time is negligible (turn-on is dominated by L
S+LD)


Numéro de pièce similaire - IRF7807VD2PbF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
   FETKY MOSFET / SCHOTTKY DIODE
More results

Description similaire - IRF7807VD2PbF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7807VD1TR IRF-IRF7807VD1TR Datasheet
135Kb / 9P
   Co-Pack N-channel HEXFET Power MOSFET and Schottky Diode
IRF7807VD1TRPBF IRF-IRF7807VD1TRPBF Datasheet
1Mb / 9P
   Co-Pack N-channel HEXFET Power MOSFET and schottky diode
IRF7526D1TRPBF IRF-IRF7526D1TRPBF Datasheet
151Kb / 10P
   Co-packaged HEXFET짰Power MOSFET and Schottky Diode
IRF7521D1PBF IRF-IRF7521D1PBF Datasheet
199Kb / 8P
   Co-packaged HEXFET짰 Power MOSFET and Schottky Diode
IRF7523D1PBF IRF-IRF7523D1PBF Datasheet
185Kb / 10P
   Co-packaged HEXFET짰 Power MOSFET and Schottky Diode
logo
GeneSiC Semiconductor, ...
GA100SICP12-227 GENESIC-GA100SICP12-227 Datasheet
258Kb / 9P
   Transistor/Schottky Diode Co-pack
GA20SICP12-263 GENESIC-GA20SICP12-263 Datasheet
958Kb / 9P
   Transistor/Schottky Diode Co-pack
GA10SICP12-247 GENESIC-GA10SICP12-247 Datasheet
324Kb / 9P
   Transistor/Schottky Diode Co-pack
GA50SICP12-227 GENESIC-GA50SICP12-227 Datasheet
275Kb / 9P
   Transistor/Schottky Diode Co-pack
logo
Infineon Technologies A...
IRF6894MPBF INFINEON-IRF6894MPBF Datasheet
568Kb / 10P
   HEXFET짰 Power MOSFET plus Schottky Diode?
2016-10-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com