Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC126T14-13 Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce 74AHC126T14-13
Description  QUADRUPLE 3-STATE BUFFERS OE HIGH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC126T14-13 Fiches technique(HTML) 3 Page - Diodes Incorporated

  74AHC126T14-13 Datasheet HTML 1Page - Diodes Incorporated 74AHC126T14-13 Datasheet HTML 2Page - Diodes Incorporated 74AHC126T14-13 Datasheet HTML 3Page - Diodes Incorporated 74AHC126T14-13 Datasheet HTML 4Page - Diodes Incorporated 74AHC126T14-13 Datasheet HTML 5Page - Diodes Incorporated 74AHC126T14-13 Datasheet HTML 6Page - Diodes Incorporated 74AHC126T14-13 Datasheet HTML 7Page - Diodes Incorporated 74AHC126T14-13 Datasheet HTML 8Page - Diodes Incorporated 74AHC126T14-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74AHC126
Document number: DS35346 Rev. 3 - 2
3 of 9
www.diodes.com
January 2013
© Diodes Incorporated
74AHC126
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
2.0
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
Δt/ΔV
Input Transition Rise or Fall Rate
VCC = 3.0V to 3.6V
100
ns/V
VCC = 4.5V to 5.5V
20
TA
Operating Free-Air Temperature
-40
+125
°C
Note:
5. Unused inputs should be held at VCC or Ground.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-Level
Input Voltage
2.0V
1.5
1.5
V
3.0V
2.1
2.1
5.5V
3.85
3.85
VIL
Low-Level Input
Voltage
2.0V
0.5
0.5
V
3.0V
0.9
0.9
5.5V
1.65
1.65
VOH
High-Level
Output Voltage
IOH = -50μA
2.0V
1.9
1.9
V
IOH = -50μA
3.0V
2.9
2.9
IOH = -50μA
4.5V
4.4
4.4
IOH = -4mA
3.0V
2.48
2.40
IOH = -8mA
4.5V
3.80
3.70
VOL
Low-Level
Output Voltage
IOL = 50μA
2.0V
0.1
0.1
V
IOL = 50μA
3.0V
0.1
0.1
IOL = 50μA
4.5V
0.1
0.1
IOL = 4mA
3.0V
0.44
0.55
IOL = 8mA
4.5V
0.44
0.55
IOZ
Z State
Leakage
Current
VO = 0 to 5.5V
VI = GND or 5.5V
5.5V
±2.5
±10
μA
II
Input Current
VI = GND to 5.5V
3.6V
±1
±2
μA
ICC
Supply Current
VI = GND or VCC, IO = 0
3.6V
20
40
μA


Numéro de pièce similaire - 74AHC126T14-13

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC126 PHILIPS-74AHC126 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 29
logo
Nexperia B.V. All right...
74AHC126 NEXPERIA-74AHC126 Datasheet
251Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 28 April 2020
74AHC126-Q100 NEXPERIA-74AHC126-Q100 Datasheet
715Kb / 16P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74AHC126BQ NXP-74AHC126BQ Datasheet
99Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-12 August 2009
logo
Nexperia B.V. All right...
74AHC126BQ NEXPERIA-74AHC126BQ Datasheet
251Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 28 April 2020
More results

Description similaire - 74AHC126T14-13

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com