Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT00S14 Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce 74AHCT00S14
Description  QUADRUPLE 2-INPUT NAND GATES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCT00S14 Fiches technique(HTML) 2 Page - Diodes Incorporated

  74AHCT00S14 Datasheet HTML 1Page - Diodes Incorporated 74AHCT00S14 Datasheet HTML 2Page - Diodes Incorporated 74AHCT00S14 Datasheet HTML 3Page - Diodes Incorporated 74AHCT00S14 Datasheet HTML 4Page - Diodes Incorporated 74AHCT00S14 Datasheet HTML 5Page - Diodes Incorporated 74AHCT00S14 Datasheet HTML 6Page - Diodes Incorporated 74AHCT00S14 Datasheet HTML 7Page - Diodes Incorporated 74AHCT00S14 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74AHCT00
Document number: DS35348 Rev. 3 - 2
2 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHCT00
Pin Descriptions
Pin
Number
Pin Name
Function
1
1A
Data Input
2
1B
Data Input
3
1Y
Data Output
4
2A
Data Input
5
2B
Data Input
6
2Y
Data Output
7
GND
Ground
8
3Y
Data Output
9
3A
Data Input
10
3B
Data Input
11
4Y
Data Output
12
4A
Data Input
13
4B
Data Input
14
VCC
Supply Voltage
Function Table
Inputs
Output
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L
Logic Diagram
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range
-0.5 to +7.0
V
IIK
Input Clamp Current
VI < -0.5V
-20
mA
IOK
Output Clamp Current VO < 0V
-20
mA
IOK
Output Clamp Current
VO > VCC
20
mA
IO
Continuous Output Current 0V < VO < VCC
+/- 25
mA
ICC
Continuous Current Through VCC
50
mA
IGND
Continuous Current Through GND
-50
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Note:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should
be within recommend values.


Numéro de pièce similaire - 74AHCT00S14

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT00 PHILIPS-74AHCT00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74AHCT00 NXP-74AHCT00 Datasheet
84Kb / 13P
   Quad 2-input NAND gate
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74AHCT00 NEXPERIA-74AHCT00 Datasheet
227Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 26 May 2020
74AHCT00-Q100 NEXPERIA-74AHCT00-Q100 Datasheet
704Kb / 15P
   Quad 2-input NAND gate
logo
NXP Semiconductors
74AHCT00BQ NXP-74AHCT00BQ Datasheet
84Kb / 13P
   Quad 2-input NAND gate
Rev. 03-8 January 2008
More results

Description similaire - 74AHCT00S14

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS00 AEROFLEX-UT54ACS00 Datasheet
230Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACTS00E AEROFLEX-UT54ACTS00E Datasheet
207Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00_15 Datasheet
94Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS00E AEROFLEX-UT54ACS00E Datasheet
414Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74AHC00 DIODES-74AHC00 Datasheet
294Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
74HCT00 DIODES-74HCT00 Datasheet
305Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com