Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP2G14FZ4-7 Fiches technique(PDF) 5 Page - Diodes Incorporated

No de pièce 74AUP2G14FZ4-7
Description  DUAL SCHMITT TRIGGER INVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G14FZ4-7 Fiches technique(HTML) 5 Page - Diodes Incorporated

  74AUP2G14FZ4-7 Datasheet HTML 1Page - Diodes Incorporated 74AUP2G14FZ4-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G14FZ4-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G14FZ4-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G14FZ4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G14FZ4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G14FZ4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G14FZ4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G14FZ4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74AUP2G14
Document number: DS35512 Rev. 4 - 2
5 of 12
www.diodes.com
May 2014
© Diodes Incorporated
74AUP2G14
Electrical Characteristics (cont.) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +125°C
Unit
Min
Max
VT+
Positive-going Input Threshold
Voltage
0.8V
0.3
0.62
V
1.1V
0.53
0.92
1.4V
0.74
1.13
1.65V
0.91
1.31
2.3V
1.37
1.80
3.0V
1.88
2.32
VT-
Negative-going Input Threshold
Voltage
0.8V
0.1
0.6
V
1.1V
0.26
0.65
1.4V
0.39
0.75
1.65V
0.47
0.84
2.3V
0.69
1.04
3.0V
0.88
1.24
∆VT
Hysteresis
(VT+ - VT-)
0.8V
0.07
0.5
V
1.1V
0.08
0.46
1.4V
0.18
0.56
1.65V
0.27
0.66
2.3V
0.53
0.92
3.0V
0.79
1.31
VOH
High-Level Output Voltage
IOH = -20μA
0.8V to 3.6V
VCC – 0.11
V
IOH = -1.1mA
1.1V
0.6 X VCC
IOH = -1.7mA
1.4V
0.93
IOH = -1.9mA
1.65V
1.17
IOH = -2.3mA
2.3V
1.77
IOH = -3.1mA
1.67
IOH = -2.7mA
3V
2.40
IOH = -4mA
2.30
VOL
Low-Level Output Voltage
IOL = 20μA
0.8V to 3.6V
0.11
V
IOL = 1.1mA
1.1V
0.33 X VCC
IOL = 1.7mA
1.4V
0.41
IOL = 1.9mA
1.65V
0.39
IOL = 2.3mA
2.3V
0.36
IOL = 3.1mA
0.50
IOL = 2.7mA
3V
0.36
IOL = 4mA
0.50
II
Input Current
VI = GND to 3.6V
0 to 3.6V
± 0.75
μA
IOFF
Power Down Leakage Current
VI or VO = 0V to 3.6V
0V
± 1.0
μA
∆IOFF
Delta Power Down Leakage Current VI or VO = 0V to 3.6V
0V to 0.2V
± 2.5
μA
ICC
Supply Current
VI = GND or VCC, IO = 0
0.8V to 3.6V
1.4
μA
∆ICC
Additional Supply Current
Input at VCC -0.6V
3.3V
75
μA


Numéro de pièce similaire - 74AUP2G14FZ4-7

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP2G14 NXP-74AUP2G14 Datasheet
106Kb / 18P
   Low-power dual Schmitt trigger inverter
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP2G14 NEXPERIA-74AUP2G14 Datasheet
291Kb / 20P
   Low-power dual Schmitt trigger inverter
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP2G14GF NXP-74AUP2G14GF Datasheet
106Kb / 18P
   Low-power dual Schmitt trigger inverter
Rev. 02-3 July 2009
74AUP2G14GM NXP-74AUP2G14GM Datasheet
106Kb / 18P
   Low-power dual Schmitt trigger inverter
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP2G14GM NEXPERIA-74AUP2G14GM Datasheet
291Kb / 20P
   Low-power dual Schmitt trigger inverter
Rev. 8 - 31 January 2022
More results

Description similaire - 74AUP2G14FZ4-7

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com