Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCU04S14-13 Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce 74HCU04S14-13
Description  UNBUFFERED HEX INVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCU04S14-13 Fiches technique(HTML) 3 Page - Diodes Incorporated

  74HCU04S14-13 Datasheet HTML 1Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 2Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 3Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 4Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 5Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 6Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 7Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 8Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74HCU04
Document number: DS35328 Rev. 3 - 2
3 of 9
www.diodes.com
January 2013
© Diodes Incorporated
74HCU04
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range (Note 5)
-0.5 to +7.0
V
IIK
Input Clamp Current
VI < -0.5V or Vi > VCC +0.5V
±20
mA
IOK
Output Clamp Current
VO < -0.5V or VO > VCC +0.5V
±20
mA
IO
Continuous Output Current -0.5V < VO VCC +0.5V
+/- 25
mA
ICC
Continuous Current Through Vcc
50
mA
IGND
Continuous Current Through GND
-50
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Notes:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should
be within recommend values.
5. Input Voltage cannot exceed VCC to the extent the Maximum clamp current is exceeded.
Recommended Operating Conditions (Note 6) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
2.0
6.0
V
VI
Input Voltage
0
VCC
V
VO
Output Voltage
0
VCC
V
Δt/ΔV
Input Transition Rise or Fall Rate
VCC = 2.0V
625
ns/V
VCC = 4.5V
140
VCC = 6.0V
85
TA
Operating Free-Air Temperature
-40
+125
°C
Note: 6. Unused inputs should be held at VCC or Ground.


Numéro de pièce similaire - 74HCU04S14-13

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCU04 PHILIPS-74HCU04 Datasheet
64Kb / 7P
   Hex inverter
September 1993
logo
ON Semiconductor
74HCU04 ONSEMI-74HCU04 Datasheet
133Kb / 9P
   Hex Unbuffered Inverter
March, 2007 ??Rev. 0
logo
Nexperia B.V. All right...
74HCU04 NEXPERIA-74HCU04 Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
74HCU04BQ NEXPERIA-74HCU04BQ Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
More results

Description similaire - 74HCU04S14-13

FabricantNo de pièceFiches techniqueDescription
logo
Integral Corp.
IN74HCU04A INTEGRAL-IN74HCU04A Datasheet
200Kb / 6P
   Hex Unbuffered Inverters
logo
Diodes Incorporated
74AHCU04 DIODES-74AHCU04 Datasheet
239Kb / 8P
   UNBUFFERED HEX INVERTERS
logo
System Logic Semiconduc...
SL74HCU04 SLS-SL74HCU04 Datasheet
31Kb / 4P
   Hex Unbuffered Inverters(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCU04A KODENSHI-KK74HCU04A Datasheet
214Kb / 6P
   Hex Unbuffered Inverters High-Performance Silicon-Gate CMOS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com