Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LV06A Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce 74LV06A
Description  HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LV06A Fiches technique(HTML) 1 Page - Diodes Incorporated

  74LV06A Datasheet HTML 1Page - Diodes Incorporated 74LV06A Datasheet HTML 2Page - Diodes Incorporated 74LV06A Datasheet HTML 3Page - Diodes Incorporated 74LV06A Datasheet HTML 4Page - Diodes Incorporated 74LV06A Datasheet HTML 5Page - Diodes Incorporated 74LV06A Datasheet HTML 6Page - Diodes Incorporated 74LV06A Datasheet HTML 7Page - Diodes Incorporated 74LV06A Datasheet HTML 8Page - Diodes Incorporated 74LV06A Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74LV06A
Document number: DS35660 Rev. 1 - 2
1 of 9
www.diodes.com
October 2013
© Diodes Incorporated
74LV06A
HEX INVERTERS WITH OPEN DRAIN OUTPUTS
Description
The 74LV06A provides provides six independent inverters with open
drain outputs. The device is designed for operation with a power
supply range of 2.0V to 5.5V.
The inputs are tolerant to 5.5V allowing this device to be used in a
mixed voltage environment. The device is fully specified for partial
power down applications using IOFF. The IOFF circuitry disables the
output preventing damaging current backflow when the device is
powered down.
The gates perform the Boolean function:
A
Y
Features
Wide Supply Voltage Range from 2.0V to 5.5V
Sinks 12mA at VCC = 4.5V
CMOS low power consumption
IOFF Supports Partial -Power Down Operation
Inputs or Outputs accept up to 5.5V
Inputs can be driven by 3.3V or 5V allowing for voltage
translation applications.
Schmitt Trigger Action at All Inputs
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115)
Exceeds 2000-V Human Body Model (A114)
Exceeds 1000-V Charged Device Model (C101)
Latch-Up Exceeds 100mA per JESD 78, Class I 
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
General Purpose Logic
Power Down Signal Isolation
Wide array of products such as:
PCs, networking, notebooks, ultrabooks, netbooks
Computer peripherals, hard drives, CD/DVD ROM
TV, DVD, DVR, set top box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free,
"Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
Click here for ordering information, located at the end of datasheet


Numéro de pièce similaire - 74LV06A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LV00 PHILIPS-74LV00 Datasheet
104Kb / 10P
   Quad 2-input NAND gate
1998 Apr 20
logo
Nexperia B.V. All right...
74LV00 NEXPERIA-74LV00 Datasheet
232Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 10 September 2021
logo
Texas Instruments
74LV00A TI-74LV00A Datasheet
409Kb / 14P
[Old version datasheet]   QUADRUPLE 2 INPUT POSITIVE NAND GATES
logo
Diodes Incorporated
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Nexperia B.V. All right...
74LV00A NEXPERIA-74LV00A Datasheet
192Kb / 10P
   Quad 2-input NAND gate
Rev. 1 - 19 December 2018
More results

Description similaire - 74LV06A

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com