Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KFM1040C-D Fiches technique(PDF) 2 Page - PACELEADER INDUSTRIAL

No de pièce KFM1040C-D
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PACELEADER [PACELEADER INDUSTRIAL]
Site Internet  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

KFM1040C-D Fiches technique(HTML) 2 Page - PACELEADER INDUSTRIAL

  KFM1040C-D Datasheet HTML 1Page - PACELEADER INDUSTRIAL KFM1040C-D Datasheet HTML 2Page - PACELEADER INDUSTRIAL KFM1040C-D Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating and characteristic curves (PKFM1020C-D THRU PKFM10200C-D)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
2
4
6
8
10
12
0
0
20
40
60
80
100
120
140
160
180
200
CASE TEMPERATURE,(°C)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
40
20
0
60
120
80
1
10
5
50
100
100
.01
0.1
1.0
10
FIG.4 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.001
T =75 C
J
T =25 C
J
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
0.1
1.0
.01
10
50
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
T =25 C
J
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
1000
1200
1400
800
600
400
200
0
.01
.05
.1
.5
1
5
10
50
100
SCHOTTKY BARRIER RECTIFIER
SCHOTTKY BARRIER RECTIFIER
thru
20C-D
PKFM
200C-D
PKFM10
10
2
www.paceleader.tw


Numéro de pièce similaire - KFM1040C-D

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KFM110 KEC-KFM110 Datasheet
67Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR THR IF CIRCUITS OF CORDLESS PHONE)
logo
Samsung semiconductor
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
KFM1216Q2M-DEB SAMSUNG-KFM1216Q2M-DEB Datasheet
1Mb / 88P
   FLASH MEMORY
KFM1216Q2M-DED SAMSUNG-KFM1216Q2M-DED Datasheet
1Mb / 88P
   FLASH MEMORY
KFM1G16Q2M SAMSUNG-KFM1G16Q2M Datasheet
1Mb / 124P
   MuxOneNAND FLASH MEMORY
More results

Description similaire - KFM1040C-D

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com