Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCV8675DT50RKG Fiches technique(PDF) 10 Page - ON Semiconductor

No de pièce NCV8675DT50RKG
Description  350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8675DT50RKG Fiches technique(HTML) 10 Page - ON Semiconductor

Back Button NCV8675DT50RKG Datasheet HTML 6Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 7Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 8Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 9Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 10Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 11Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 12Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 13Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCV8675
http://onsemi.com
10
Figure 34. Application Circuits
100 nF
47 nF
GND
D
2
5
3
4
1
RO
NCV8675
CD
Cin
Cout
22 mF
REXT
5.0 K
Vout
VRO
Vin
Iout
IRO
ID
IG
Vout
Vin
Circuit Description
The NCV8675 is an integrated low dropout regulator that
provides 5.0 V 350 mA, or 3.3 V 350 mA protected output
and a signal for power on reset. The regulation is provided
by a PNP pass transistor controlled by an error amplifier
with a bandgap reference, which gives it the lowest possible
drop out voltage and best possible temperature stability. The
output current capability is 350 mA, and the base drive
quiescent current is controlled to prevent over saturation
when the input voltage is low or when the output is
overloaded. The regulator is protected by both current limit
and thermal shutdown. Thermal shutdown occurs above
150
°C to protect the IC during overloads and extreme
ambient temperatures. The delay time for the reset output is
adjustable by selection of the timing capacitor. See
Figure 34, Test Circuit, for circuit element nomenclature
illustration.
Regulator
The error amplifier compares the reference voltage to a
sample of the output voltage (Vout) and drives the base of a
PNP series pass transistor by a buffer. The reference is a
bandgap design to give it a temperature−stable output.
Saturation control of the PNP is a function of the load current
and input voltage. Oversaturation of the output power
device is prevented, and quiescent current in the ground pin
is minimized.
Regulator Stability Considerations
The input capacitor (Cin) is necessary to stabilize the input
impedance to avoid voltage line influences. The output
capacitor helps determine three main characteristics of a
linear regulator: startup delay, load transient response and
loop stability. The capacitor value and type should be based
on cost, availability, size and temperature constraints.
Ceramic, tantalum, or electrolytic capacitors of 22
mF, or
greater, are stable with very low ESR values. Refer to
Figure 2 for specific ESR ratings. The aluminum
electrolytic capacitor is the least expensive solution, but, if
the circuit operates at low temperatures (−25
°C to −40°C),
both the capacitance and ESR of the capacitor will vary
considerably. The capacitor manufacturer’s data sheet
usually provides this information. The value for the output
capacitor Cout shown in Figure 13, Test Circuit, should work
for most applications; however, it is not necessarily the
optimized solution.
Reset Output
The reset output is used as the power on indicator to the
microcontroller. This signal indicates when the output
voltage is suitable for reliable operation of the controller. It
pulls low when the output is not considered to be ready. RO
is pulled up to Vout by an external resistor, typically 5.0 kW
in value. The input and output conditions that control the
Reset Output and the relative timing are illustrated in
Figure 35, Reset Timing. Output voltage regulation must be
maintained for the delay time before the reset output signals
a valid condition. The delay for the reset output is defined as
the amount of time it takes the timing capacitor on the delay
pin to charge from a residual voltage of 0 V to the upper
timing threshold voltage VDU of 1.3 V. The charging current
for this is ID of 4 mA and D pin voltage in steady state is
typically 2.4 V. By using typical IC parameters with a 47 nF
capacitor on the D Pin, the following time delay is derived:
tRD + CD *VDU ID
tRD + 47 nF * (1.3 V) 4 mA + 15.3 ms
Other time delays can be obtained by changing the CD
capacitor value. The Delay Time can be reduced by
decreasing the capacitance of CD. Using the formula above,
Delay can be reduced as desired. Leaving the Delay Pin
open is not desirable as it can result in unwanted signals
being coupled onto the pin.


Numéro de pièce similaire - NCV8675DT50RKG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV8675DS33G ONSEMI-NCV8675DS33G Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8675DS33R4G ONSEMI-NCV8675DS33R4G Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8675DS50G ONSEMI-NCV8675DS50G Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8675DS50R4G ONSEMI-NCV8675DS50R4G Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
More results

Description similaire - NCV8675DT50RKG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com