Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCV8675DT50RKG Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce NCV8675DT50RKG
Description  350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8675DT50RKG Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button NCV8675DT50RKG Datasheet HTML 4Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 5Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 6Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 7Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 8Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 9Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 10Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 11Page - ON Semiconductor NCV8675DT50RKG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCV8675
http://onsemi.com
8
TYPICAL CHARACTERISTIC CURVES − 3.3 V Version
Figure 23. ESR Stability vs. Output Current
(3.3 V Version)
OUTPUT CURRENT (mA)
TEMPERATURE (°C)
350
100
50
0
0
1.0
2.0
4.0
5.0
6.0
7.0
10
150
100
50
0
−50
0
10
20
30
40
50
60
70
100 k
10 k
1 k
100
10
0
10
20
40
60
70
90
100
Unstable Region
Vin = 13.5 V
Load = 100 mA
30
50
80
Iout = 100 mA
Vin = 13.5 V
Tamb = 25°C
Cout = 22 mF
Vin
Vout
Reset
Vin
Vout
Reset
Figure 24. Input Voltage vs. Output Voltage
(3.3 V Version)
INPUT VOLTAGE (V)
45
30
15
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Load = 5 mA
Figure 25. Quiescent Current vs. Temperature
(3.3 V Version)
Figure 26. Reset vs. Output Voltage
(Vin Rising) (3.3 V Version)
Figure 27. Reset vs. Output Voltage
(Vin Falling) (3.3 V Version)
Figure 28. Power Supply Rejection Ratio
(3.3 V Version)
Stable Region
150
200
250
300
3.0
8.0
9.0
Cout = 22 mF


Numéro de pièce similaire - NCV8675DT50RKG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV8675DS33G ONSEMI-NCV8675DS33G Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8675DS33R4G ONSEMI-NCV8675DS33R4G Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8675DS50G ONSEMI-NCV8675DS50G Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8675DS50R4G ONSEMI-NCV8675DS50R4G Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
More results

Description similaire - NCV8675DT50RKG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com