Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF1001 Fiches technique(PDF) 2 Page - PACELEADER INDUSTRIAL

No de pièce UF1001
Description  SUPERFAST mount reverse voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PACELEADER [PACELEADER INDUSTRIAL]
Site Internet  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

UF1001 Fiches technique(HTML) 2 Page - PACELEADER INDUSTRIAL

  UF1001 Datasheet HTML 1Page - PACELEADER INDUSTRIAL UF1001 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30
60
90
0
120
150
180
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1006 - 1008
1000 - 1004
0
2
4
6
8
10
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
0.1
1.0
10
100
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Pulse width = 300 s
2% duty cycle
µ
1006 - 1008
1003 - 1004
1000 - 1002
2
www.paceleader.tw
SUPERFAST RECOVERY RECTIFIER
SUPERFAST RECOVERY RECTIFIER
UF1000 thru UF1008
SURFACE MOUNT REVERSE VOLTAGE
TS
SURFACE MOUNT REVERSE VOLTAGE
50 TO 800 VOL TS
800 VOL
50 TO 8
8


Numéro de pièce similaire - UF1001

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
UF1001 PANJIT-UF1001 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1001 PANJIT-UF1001 Datasheet
86Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
UF1001 WTE-UF1001 Datasheet
44Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
UF1001 TAYCHIPST-UF1001 Datasheet
2Mb / 2P
   ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
UF1001 DIODES-UF1001 Datasheet
62Kb / 2P
   1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. D1-2
More results

Description similaire - UF1001

FabricantNo de pièceFiches techniqueDescription
logo
PACELEADER INDUSTRIAL
UF1000F PACELEADER-UF1000F Datasheet
302Kb / 2P
   SUPERFAST mount reverse voltage
UF800 PACELEADER-UF800 Datasheet
284Kb / 2P
   SUPERFAST mount reverse voltage
UF1000CT PACELEADER-UF1000CT Datasheet
254Kb / 2P
   SUPERFAST mount reverse voltage
UF1600FCT PACELEADER-UF1600FCT Datasheet
197Kb / 2P
   SUPERFAST SURFACE MOUNT REVERSE
logo
Gaomi Xinghe Electronic...
SF18 GXELECTRONICS-SF18 Datasheet
674Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS Reverse Voltage ??50 to 600 Volts
logo
Rectron Semiconductor
ES1AW RECTRON-ES1AW Datasheet
598Kb / 6P
   Surface Mount Superfast Recovery Rectifier Reverse Voltage-50 to 600V Forward Current-1A
logo
GOOD-ARK Electronics
ES3A GOOD-ARK-ES3A_15 Datasheet
390Kb / 5P
   Surface Mount Glass Passivated Superfast Rectifier Reverse Voltage 50 to 600V Forward Current 3A
logo
PACELEADER INDUSTRIAL
UF505 PACELEADER-UF505 Datasheet
193Kb / 3P
   SURFACE MOUNT REVERSE voltage
logo
GOOD-ARK Electronics
FU1 GOOD-ARK-FU1_15 Datasheet
205Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier Reverse Voltage 50~600V Forward Current 1A
LU1 GOOD-ARK-LU1 Datasheet
183Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier Reverse Voltage 50~600V Forward Current 1A
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com