Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAZ18-TP Fiches technique(PDF) 4 Page - Micro Commercial Components

No de pièce SMAZ18-TP
Description  1 Watt Zener Diode 5.1V - 39V Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAZ18-TP Fiches technique(HTML) 4 Page - Micro Commercial Components

  SMAZ18-TP Datasheet HTML 1Page - Micro Commercial Components SMAZ18-TP Datasheet HTML 2Page - Micro Commercial Components SMAZ18-TP Datasheet HTML 3Page - Micro Commercial Components SMAZ18-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MCC
TM
Micro Commercial Components
www.mccsemi.com
4 of 4
Revision: C
2013/04/26
Device
Packing
Part Number-TP
Tape&Reel: 7.5Kpcs/Reel
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Note : Adding "-HF" suffix for halogen free, eg. Part Number-TP-HF


Numéro de pièce similaire - SMAZ18-TP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SMAZ18-13 TI1-SMAZ18-13 Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
Diodes Incorporated
SMAZ18-13-F DIODES-SMAZ18-13-F Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
More results

Description similaire - SMAZ18-TP

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SMAZ9V1-TP MCC-SMAZ9V1-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ8V2-TP MCC-SMAZ8V2-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ5V1 MCC-SMAZ5V1 Datasheet
227Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ20-TP MCC-SMAZ20-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
List of Unclassifed Man...
SMAZ22-TP ETC2-SMAZ22-TP Datasheet
301Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
Micro Commercial Compon...
SMAZ16-TP MCC-SMAZ16-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
DFLZ39-TP MCC-DFLZ39-TP Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
SMAZ10HE3 MCC-SMAZ10HE3 Datasheet
309Kb / 4P
   1 Watt Zener Diode 10V - 39V Volts
DFLZ6V2 MCC-DFLZ6V2 Datasheet
326Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ5V1 MCC-DFLZ5V1 Datasheet
366Kb / 4P
   1 Watt Zener Diode 5.1V - 100V Volts
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com