Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KDT00030A Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce KDT00030A
Description  Phototransistor Photo Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KDT00030A Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  KDT00030A Datasheet HTML 1Page - Fairchild Semiconductor KDT00030A Datasheet HTML 2Page - Fairchild Semiconductor KDT00030A Datasheet HTML 3Page - Fairchild Semiconductor KDT00030A Datasheet HTML 4Page - Fairchild Semiconductor KDT00030A Datasheet HTML 5Page - Fairchild Semiconductor KDT00030A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KDT00030 / KDT00030A Rev. 1.1.0
3
Typical Performance Characteristics
Figure 1. Illuminance vs. Output Photo Current
Figure 2. Illuminance vs. Output Voltage
Figure 3. Spectral Response
1
10
100
1000
10000
0.01
0.1
1
10
TA = 25°C, VCC = 5V
Flourescent Light
Incandescent Lamp
Illuminance Ev (Lux)
TA = 25°C
Flourescent Light, RL = 1kΩ
Flourescent Light, RL = 7.5kΩ
Flourescent Light, RL = 75kΩ
Illuminance Ev (Lux)
0.1
10
1
100
1000
10000
10
1
0.1
0.01
1E-3
1E-4
1E-5
1E-6
1E-7
Wavelength λ (nm)
300
400
500
600
700
800
900
0
20
40
60
80
100


Numéro de pièce similaire - KDT00030A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
KDT00030ATR ONSEMI-KDT00030ATR Datasheet
1Mb / 6P
   Phototransistor Photo Detector
October-2017, Rev. 3
More results

Description similaire - KDT00030A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KDT00030 FAIRCHILD-KDT00030 Datasheet
160Kb / 4P
   Phototransistor Photo Detector
logo
ON Semiconductor
KDT00030 ONSEMI-KDT00030 Datasheet
1Mb / 6P
   Phototransistor Photo Detector
October-2017, Rev. 3
logo
NEC
PH101 NEC-PH101 Datasheet
66Kb / 2P
   NPN EPITXIAL DARLINGTON PHOTOTRANSISTOR PHOTO DETECTOR
logo
NTE Electronics
NTE3036 NTE-NTE3036 Datasheet
20Kb / 2P
   Phototransistor Silicon NPN Photo Darlington Light Detector
NTE3035A NTE-NTE3035A Datasheet
21Kb / 2P
   Phototransistor Detector
NTE3034A NTE-NTE3034A Datasheet
19Kb / 2P
   Phototransistor Detector
logo
Advanced Semiconductor
2N5777 ASI-2N5777 Datasheet
64Kb / 1P
   SILICON NPN PHOTO DETECTOR
logo
NTE Electronics
NTE3037 NTE-NTE3037 Datasheet
18Kb / 2P
   Silicon NPN Phototransistor Detector
logo
Motorola, Inc
MRD5009 MOTOROLA-MRD5009 Datasheet
170Kb / 4P
   Photo Detector Logic Output
logo
Hamamatsu Corporation
R7110U-40 HAMAMATSU-R7110U-40 Datasheet
23Kb / 2P
   COMPACT HYBRID PHOTO-DETECTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com