Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL16020DCT Fiches technique(PDF) 8 Page - Silicon Laboratories

No de pièce SL16020DCT
Description  Low Jitter and Power Clock Generator with SSCG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL16020DCT Fiches technique(HTML) 8 Page - Silicon Laboratories

Back Button SL16020DCT Datasheet HTML 2Page - Silicon Laboratories SL16020DCT Datasheet HTML 3Page - Silicon Laboratories SL16020DCT Datasheet HTML 4Page - Silicon Laboratories SL16020DCT Datasheet HTML 5Page - Silicon Laboratories SL16020DCT Datasheet HTML 6Page - Silicon Laboratories SL16020DCT Datasheet HTML 7Page - Silicon Laboratories SL16020DCT Datasheet HTML 8Page - Silicon Laboratories SL16020DCT Datasheet HTML 9Page - Silicon Laboratories SL16020DCT Datasheet HTML 10Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Rev 2.2, August 1, 2010
Page 8 of 10
SL16020DC
to the clock outputs as possible.
Package Outline and Package Dimensions
10-Pin TDFN Package (3x3x0.75 mm)
3.00+/-0.10
0.20+/-0.025
C: 0.25X45°C
Pin #1 ID
Top View
Bottom View
Side View
Side View
0.00-0.05
0.50
0.75+/-0.05
0.25+/-0.05
2.00+/-0.10
0.30+/-0.05
Dimentions are in mm
1
5
6
10
Table 7. Thermal Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Thermal Resistance
Junction to Ambient
θJA1
Still air
-
75
-
°C/W
θJA2
1m/s air flow
-
70
-
°C/W
θJA3
3m/s air flow
-
55
-
°C/W
Thermal Resistance
Junction to Case
θJC
Independent of air flow
-
25
-
°C/W


Numéro de pièce similaire - SL16020DCT

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SL16020DCT SILABS-SL16020DCT Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
More results

Description similaire - SL16020DCT

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
List of Unclassifed Man...
IMIC9716J ETC1-IMIC9716J Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com