Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4002S Fiches technique(PDF) 2 Page - Continental Device India Limited

No de pièce 1N4002S
Description  STANDARD RECOVERY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1N4002S Fiches technique(HTML) 2 Page - Continental Device India Limited

  1N4002S Datasheet HTML 1Page - Continental Device India Limited 1N4002S Datasheet HTML 2Page - Continental Device India Limited 1N4002S Datasheet HTML 3Page - Continental Device India Limited 1N4002S Datasheet HTML 4Page - Continental Device India Limited 1N4002S Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1N4001S - 1N4007S
A-405
Axial Lead Plastic
Package
ELECTRICAL CHARACTERISTICS (Ta = 25ºC unless specified otherwise)
SYMBOL
UNIT
VF
V
VF(AV)
V
IR
µA
IR(AV)
µA
Cj
pF
DIM
Min
Max
A
25.40
B
4.20
5.20
C
0.55
0.65
D
2.30
2.70
All Dimensions are in mm
1N4001_07Rev020606D
Junction Capacitance
VR = 4V, f = 1MHz
Maximum Full-Cycle Average Forward
Voltage Drop
IO=1.0A, Ta=75ºC
0.8
Maximum Full-Cycle Average Reverse
Current
IO=1.0A, Ta=75ºC
30
DESCRIPTION
TEST CONDITION
MAX
at rated VR TA = 25ºC
TA = 100ºC
1.1
A-405 Axial Lead Plastic Package
Maximum Reverse Current
5
500
Maximum Instantaneous Forward Voltage
Drop
IF = 1.0A
typ 15
Continental Device India Limited
Data Sheet
Page 2 of 5


Numéro de pièce similaire - 1N4002S

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
1N4002S PANJIT-1N4002S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
1N4002S DIOTEC-1N4002S Datasheet
129Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Diotech Company.
1N4002S DIOTECH-1N4002S Datasheet
666Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N4002S TSC-1N4002S Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Transys Electronics
1N4002S TRSYS-1N4002S Datasheet
148Kb / 3P
   PLASTIC SILICON RECTIFIER
More results

Description similaire - 1N4002S

FabricantNo de pièceFiches techniqueDescription
logo
Digitron Semiconductors
A14A DIGITRON-A14A Datasheet
106Kb / 2P
   STANDARD RECOVERY RECTIFIERS
logo
PACELEADER INDUSTRIAL
GL341A PACELEADER-GL341A Datasheet
383Kb / 2P
   STANDARD RECOVERY RECTIFIERS
logo
Bruckewell Technology L...
1N4001S-7S BWTECH-1N4001S-7S Datasheet
395Kb / 4P
   STANDARD RECOVERY RECTIFIERS
logo
Continental Device Indi...
1N4001 CDIL-1N4001 Datasheet
303Kb / 3P
   STANDARD RECOVERY RECTIFIERS
logo
Digitron Semiconductors
1N3208 DIGITRON-1N3208 Datasheet
136Kb / 2P
   STANDARD RECOVERY RECTIFIERS
BY448 DIGITRON-BY448 Datasheet
100Kb / 2P
   STANDARD RECOVERY RECTIFIERS
UT2005 DIGITRON-UT2005 Datasheet
157Kb / 3P
   STANDARD RECOVERY RECTIFIERS
1N3670A DIGITRON-1N3670A Datasheet
162Kb / 3P
   STANDARD RECOVERY RECTIFIERS
1N3611 DIGITRON-1N3611 Datasheet
548Kb / 2P
   STANDARD RECOVERY RECTIFIERS
1N4001 DIGITRON-1N4001 Datasheet
150Kb / 3P
   STANDARD RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N3288A NJSEMI-1N3288A Datasheet
61Kb / 1P
   Rectifiers Standard Recovery
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com