Moteur de recherche de fiches techniques de composants électroniques |
|
BAT54S Fiches technique(PDF) 4 Page - Continental Device India Limited |
|
BAT54S Fiches technique(HTML) 4 Page - Continental Device India Limited |
4 / 4 page BAT54A_S Rev_1 250206E Disclaimer The product information and the selection guides facilitate selection of the CDIL's Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. CDIL is a registered Trademark of Continental Device India Limited C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com Continental Device India Limited Data Sheet Page 4 of 4 Customer Notes SOT-23 T&R 3K/reel 10K/reel 136 gm/3K pcs 415 gm/10K pcs 3" x 7.5" x 7.5" 9" x 9" x 9" 13" x 13" x 0.5" 12.0K 51.0K 10.0K 17" x 15" x 13.5" 19" x 19" x 19" 17" x 15" x 13.5" 192.0K 408.0K 300.0K 12 kgs 28 kgs 16 kgs PACKAGE Net Weight/Qty Details STANDARD PACK INNER CARTON BOX Qty OUTER CARTON BOX Qty Gr Wt Size Size Packing Detail Component Disposal Instructions 1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose as per prevailing Environmental Legislation of their Country. 2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE). |
Numéro de pièce similaire - BAT54S |
|
Description similaire - BAT54S |