Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC338 Fiches technique(PDF) 1 Page - Continental Device India Limited

No de pièce BC338
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC338 Fiches technique(HTML) 1 Page - Continental Device India Limited

  BC338 Datasheet HTML 1Page - Continental Device India Limited BC338 Datasheet HTML 2Page - Continental Device India Limited BC338 Datasheet HTML 3Page - Continental Device India Limited BC338 Datasheet HTML 4Page - Continental Device India Limited BC338 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SILICON PLANAR EPITAXIAL TRANSISTORS
BC327/A BC328 PNP
BC337/A BC338 NPN
TO-92
Plastic Package
General Purpose Transistors Best Suited for use in Driver and Output Stages of Audio Amplifier
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
Collector Emitter Voltage
VCEO
Collector Emitter Voltage
VCES
Emitter Base Voltage
VEBO
Collector Current Continuous
IC
Collector Current Peak
ICM
Emitter Current Peak
IEM
Base Current Continuous
IB
Base Current Peak
IBM
Power Dissipation at Ta=25ºC
PD
Derate Above 25ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
THERMAL RESISTANCE
Junction to Ambient in free air
Rth (j-a)
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
BC327/337
45
BC327A/337A
60
BC328/338
25
Collector Emitter Voltage
VCES
IC=100µA, IE=0
BC327/337
50
BC327A/337A
60
BC328/338
30
Emitter Base Voltage
VEBO
IE=10µA, IC=0
5.0
Collector Cut Off Current
ICBO
VCB=20V, IE=0
VCB=20V, IE=0, TJ=150 ºC
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
Collector Emitter Saturation Voltage
*VCE (sat)
IC=500mA, IB=50mA
Base Emitter On Voltage
*VBE (on)
IC=500mA, VCE=1V
*Pulse Test: Pulse Width < 300
µµs, Duty Cycle < 2%
BC327_338Rev_3 290606D
V
5
V
- 65 to +150
V
mA
ºC/W
1000
mA
V
0.7
1.2
5
µA
1000
mA
100
mA
200
mA
mW
mW/ºC
800
625
5
MAX
200
10
µA
UNITS
V
V
For Lead Free Parts, Device Part #
will be Prefixed with "T"
BC327/337
BC327A/337A
BC328/338
45
60
25
50
60
30
ºC
UNITS
V
V
100
V
nA
V
V
V
C B
E
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Numéro de pièce similaire - BC338

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC338 MOTOROLA-BC338 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
Diotec Semiconductor
BC338 DIOTEC-BC338 Datasheet
105Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
logo
Fairchild Semiconductor
BC338 FAIRCHILD-BC338 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Semtech Corporation
BC338 SEMTECH-BC338 Datasheet
343Kb / 5P
   NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
Dc Components
BC338 DCCOM-BC338 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

Description similaire - BC338

FabricantNo de pièceFiches techniqueDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC557 FCI-BC557 Datasheet
367Kb / 1P
   Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com