Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC338 Fiches technique(PDF) 5 Page - Continental Device India Limited

No de pièce BC338
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC338 Fiches technique(HTML) 5 Page - Continental Device India Limited

  BC338 Datasheet HTML 1Page - Continental Device India Limited BC338 Datasheet HTML 2Page - Continental Device India Limited BC338 Datasheet HTML 3Page - Continental Device India Limited BC338 Datasheet HTML 4Page - Continental Device India Limited BC338 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Packaging Information
T & A: Tape and Ammo Pack; T & R: Tape and Red; Bulk: Loose in Poly bags; Tube: Tube and Ammo Pack; k: 1.000
Std. Packing
Size L x W x H
Gross Weight
Size L x W x H Gross Weight
(cm)
(Kg)
(cm)
(Kg)
Bulk
1,000
5K
19x19x8
1.10
80K
43x40x35
20.0
T&A
2,000
2K
32x4.5x20
0.70
40K
43x40x35
15.20
Component Disposal Instructions
1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose
as per prevailing Environmental Legislation of their Country.
2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
BC327_338Rev_3 290606D
Disclaimer
TO-92
Customer Notes
Inner Carton
Outer Carton
Package/Case
Type
Packaging Type
Qty
Qty
Qty
The product information and the selection guides facilitate selection of the CDIL's Semiconductor Device(s) best suited for application in
your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the
Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD
are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information.
Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey
any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or
systems. CDIL customers selling these products (either as individual Semiconductor Devices or incorporated in their end products), in any
life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages
resulting from such sale(s).CDIL strives for continuous improvement and reserves the right to change the specifications of its products
without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119
email@cdil.com
www.cdilsemi.com
Continental Device India Limited
Data Sheet
Page 5 of 5
For Lead Free Parts, Device Part #
will be Prefixed with "T"
TO-92
Plastic Package
SILICON PLANAR EPITAXIAL TRANSISTORS
BC327/A BC328 PNP
BC337/A BC338 NPN


Numéro de pièce similaire - BC338

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC338 MOTOROLA-BC338 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
Diotec Semiconductor
BC338 DIOTEC-BC338 Datasheet
105Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
logo
Fairchild Semiconductor
BC338 FAIRCHILD-BC338 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Semtech Corporation
BC338 SEMTECH-BC338 Datasheet
343Kb / 5P
   NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
Dc Components
BC338 DCCOM-BC338 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

Description similaire - BC338

FabricantNo de pièceFiches techniqueDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC557 FCI-BC557 Datasheet
367Kb / 1P
   Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com