Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD236PNP Fiches technique(PDF) 1 Page - Continental Device India Limited

No de pièce BD236PNP
Description  EPITAXIAL SILICON POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD236PNP Fiches technique(HTML) 1 Page - Continental Device India Limited

  BD236PNP Datasheet HTML 1Page - Continental Device India Limited BD236PNP Datasheet HTML 2Page - Continental Device India Limited BD236PNP Datasheet HTML 3Page - Continental Device India Limited BD236PNP Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EPITAXIAL SILICON POWER TRANSISTORS
BD233
BD234
BD235
BD236
BD237
BD238
NPN
PNP
TO126
Plastic Package
Intended for use in Medium Power Linear Switching Applications
ABSOLUTE MAXIMUM RATINGS
BD233
BD235
BD234
BD236
Collector Base Voltage
VCBO
45
60
V
Collector Emitter Voltage
VCEO
45
60
V
Collector Emitter Voltage (RBE=1KΩ
Ω)
VCER
45
60
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
2.0
A
Collector Peak Current
ICM
6.0
A
Total Dissipation @ TC=25ºC
PD
25
W
Total Dissipation @ Ta=25ºC
PD
1.25
W
Derate above 25ºC
10
mW/ ºC
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
THERMAL CHARACTERISTICS
Junction to Case
Rth (j-c)
5.0
ºC/W
Junction to Ambient in free air
Rth (j-a)
100
ºC/W
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=45V, IE=0
BD233/234
100
µA
VCB=60V, IE=0
BD235/236
100
µA
VCB=100V, IE=0
BD237/238
100
µA
TC = 150ºC
VCB=45V, IE=0
BD233/234
2.0
mA
VCB=60V, IE=0
BD235/236
2.0
mA
VCB=100V, IE=0
BD237/238
2.0
mA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
1.0
mA
Collector Emitter Sustaining Voltage
*VCEO (sus)
IC=0.1A, IB=0 BD233/234
45
V
BD235/236
60
V
BD237/238
80
V
Collector Emitter Saturation Voltage
*VCE (sat)
IC=1.0A, IB=0.1A
0.6
V
Base Emitter Voltage
*VBE (on)
IC=1.0A, VCE=2V
1.3
V
- 65 to +150
100
80
100
BD238
UNIT
DESCRIPTION
SYMBOL
BD237
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Numéro de pièce similaire - BD236PNP

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BD236 STMICROELECTRONICS-BD236 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD236 FAIRCHILD-BD236 Datasheet
37Kb / 4P
   Medium Power Linear and Switching
logo
STMicroelectronics
BD236 STMICROELECTRONICS-BD236 Datasheet
265Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD236 ISC-BD236 Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
logo
Fairchild Semiconductor
BD236 FAIRCHILD-BD236 Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results

Description similaire - BD236PNP

FabricantNo de pièceFiches techniqueDescription
logo
Continental Device Indi...
CJD175 CDIL-CJD175 Datasheet
283Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
BD136 CDIL-BD136 Datasheet
180Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
BD131 CDIL-BD131 Datasheet
147Kb / 3P
   SILICON EPITAXIAL POWER TRANSISTORS
BD175 CDIL-BD175 Datasheet
222Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BD175 TEL-BD175 Datasheet
68Kb / 2P
   EPITAXIAL SILICON POWER TRANSISTORS
BD433 TEL-BD433 Datasheet
70Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
Continental Device Indi...
MJE15032 CDIL-MJE15032 Datasheet
286Kb / 3P
   SILICON EPITAXIAL POWER TRANSISTORS
BD433 CDIL-BD433 Datasheet
136Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
MJE13002 CDIL-MJE13002 Datasheet
153Kb / 4P
   NPN EPITAXIAL SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD131 NJSEMI-BD131 Datasheet
74Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com