Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Q10R4 Fiches technique(PDF) 8 Page - Littelfuse

No de pièce Q10R4
Description  10 Amp Standard & Alternistor (High Communitation) Triacs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q10R4 Fiches technique(HTML) 8 Page - Littelfuse

  Q10R4 Datasheet HTML 1Page - Littelfuse Q10R4 Datasheet HTML 2Page - Littelfuse Q10R4 Datasheet HTML 3Page - Littelfuse Q10R4 Datasheet HTML 4Page - Littelfuse Q10R4 Datasheet HTML 5Page - Littelfuse Q10R4 Datasheet HTML 6Page - Littelfuse Q10R4 Datasheet HTML 7Page - Littelfuse Q10R4 Datasheet HTML 8Page - Littelfuse Q10R4 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
96
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
10 Amp Standard & Alternistor (High Communitation) Triacs
Qxx10xx & Qxx10xHx Series
Dimensions — TO-263AA (N-Package) — D2-PAK Surface Mount
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.360
0.370
9.14
9.40
B
0.380
0.420
9.65
10.67
C
0.178
0.188
4.52
4.78
D
0.025
0.035
0.64
0.89
E
0.045
0.060
1.14
1.52
F
0.060
0.075
1.52
1.91
G
0.095
0.105
2.41
2.67
H
0.092
0.102
2.34
2.59
J
0.018
0.024
0.46
0.61
K
0.090
0.110
2.29
2.79
S
0.590
0.625
14.99
15.88
V
0.035
0.045
0.89
1.14
U
0.002
0.010
0.05
0.25
W
0.040
0.070
1.016
1.78
G
B
A
W
V
S
MT1
MT2
T
C MEASURING POINT
C
E
K
H
J
U
.320
8.13
.276
7.01
.331
8.41
GATE
.460
11.68
.665
16.89
.260
6.60
.150
3.81
.080
2.03
.085
2.16
.055
1.40
.350
8.89
.276
7.01
.276
7.01
AREA: 0.11 IN2
D
F
Product Selector
Part Number
Voltage (xx)
Gate Sensitivity Quadrants
Type
Package
400V
600V
800V
1000V
I – II – III
IV
Qxx10L4
X
X
X
X
25 mA
50 mA
Standard Triac
TO-220L
Qxx10R4
X
X
X
X
25 mA
50 mA
Standard Triac
TO-220R
Qxx10N4
X
X
X
X
25 mA
50 mA
Standard Triac
TO-263 D²-PAK
Qxx10L5
X
X
X
X
50 mA
Standard Triac
TO-220L
Qxx10R5
X
X
X
X
50 mA
Standard Triac
TO-220R
Qxx10N5
X
X
X
X
50 mA
Standard Triac
TO-263 D²-PAK
Qxx10LH5
X
X
X
X
50 mA
Alternistor Triac
TO-220L
Qxx10RH5
X
X
X
X
50 mA
Alternistor Triac
TO-220R
Qxx10NH5
X
X
X
X
50 mA
Alternistor Triac
TO-263 D²-PAK
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
Qxx10L/Ryy
Qxx10L/Ryy
2.2 g
Bulk
500
Qxx10L/RyyTP
Qxx10L/Ryy
2.2 g
Tube Pack
500 (50 per tube)
Qxx10NyyTP
Qxx10Nyy
1.6 g
Tube
500 (50 per tube)
Qxx10NyyRP
Qxx10Nyy
1.6 g
Embossed Carrier
500
Note: xx = voltage, yy = type & sensitivity


Numéro de pièce similaire - Q10R4

FabricantNo de pièceFiches techniqueDescription
logo
XP Power Limited
Q10 XPPOWER-Q10 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Powerbox
Q10-12 POWERBOX-Q10-12 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q10-24 POWERBOX-Q10-24 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q10-5 POWERBOX-Q10-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Jauch Quartz Gmbh
Q10.0-JXG53P2-12-100 JAUCH-Q10.0-JXG53P2-12-100 Datasheet
126Kb / 2P
   SMQDu Qarutaz rCtzr yCsrtyasl
More results

Description similaire - Q10R4

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com