Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N3891 Fiches technique(PDF) 7 Page - Microsemi Corporation

No de pièce 1N3891
Description  FAST RECOVERY RECTIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3891 Fiches technique(HTML) 7 Page - Microsemi Corporation

  1N3891 Datasheet HTML 1Page - Microsemi Corporation 1N3891 Datasheet HTML 2Page - Microsemi Corporation 1N3891 Datasheet HTML 3Page - Microsemi Corporation 1N3891 Datasheet HTML 4Page - Microsemi Corporation 1N3891 Datasheet HTML 5Page - Microsemi Corporation 1N3891 Datasheet HTML 6Page - Microsemi Corporation 1N3891 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
T4-LDS-0143, Rev. 2 (120861)
©2012 Microsemi Corporation
Page 7 of 7
1N3889 – 1N3891, 1N3893
PACKAGE DIMENSIONS
NOTES:
1.
Dimensions are in inches.
2.
Millimeters are given for general information only.
3.
Angular orientation of this terminal is undefined. Square or radius on end of terminals is optional.
4.
Diameter variations within these limits are permitted.
5.
The ANSI thread reference is 0.190-32 UNF-2A.
6.
Max pitch diameter of plated threads shall be basic pitch diameter 0.169 inch (4.29 mm) reference FED-STD-H28 (Screw
Thread Standards for Federal Services.)
7.
Units must not be damaged by torque of 15 inch-pounds applied to 0.190-32 UNF-2B nut assembled on thread.
8.
Complete threads to extend to within 0.078 inch (1.98 mm) of the seating plane.
9.
Terminal-end shape is unrestricted.
10. Reversed (anode to stud) units shall be marked with an “R” following the last digit in the type number.
11. Forward polarity (cathode to stud) marking is not shown.
Ltr
Dimensions
Notes
Inch
Millimeters
Min
Max
Min
Max
CD
.424
10.77
CH
.405
10.29
CH1
.020
.065
0.51
1.65
9
G
.060
1.52
HF
.424
.437
10.77
11.10
HT
.075
.175
1.90
4.44
OAH
.800
20.32
OM
.163
.189
4.14
4.80
4
SL
.422
.453
10.72
11.50
SP
5, 6, 7, 8
T
.060
1.52
TD
.250
6.35


Numéro de pièce similaire - 1N3891

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N3891 MICROSEMI-1N3891 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
logo
GeneSiC Semiconductor, ...
1N3891 GENESIC-1N3891 Datasheet
706Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3891 IRF-1N3891 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3891 VISHAY-1N3891 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
1N3891 VISHAY-1N3891 Datasheet
2Mb / 11P
   Fast Recovery Diodes(Stud Version)
Revision: 26-Sep-08
More results

Description similaire - 1N3891

FabricantNo de pièceFiches techniqueDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com