Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF840LCS Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce IRF840LCS
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF840LCS Fiches technique(HTML) 2 Page - Vishay Siliconix

  IRF840LCS Datasheet HTML 1Page - Vishay Siliconix IRF840LCS Datasheet HTML 2Page - Vishay Siliconix IRF840LCS Datasheet HTML 3Page - Vishay Siliconix IRF840LCS Datasheet HTML 4Page - Vishay Siliconix IRF840LCS Datasheet HTML 5Page - Vishay Siliconix IRF840LCS Datasheet HTML 6Page - Vishay Siliconix IRF840LCS Datasheet HTML 7Page - Vishay Siliconix IRF840LCS Datasheet HTML 8Page - Vishay Siliconix IRF840LCS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
Document Number: 91068
2
S11-1050-Rev. C, 30-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF840LCS, IRF840LCL, SiHF840LCS, SiHF840LCL
Vishay Siliconix
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material).
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
c. Uses SiHF840LC data and test conditions.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
(PCB Mounted, Steady-State)a
RthJA
-40
°C/W
Maximum Junction-to-Case (Drain)
RthJC
-1.0
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 250 μA
500
-
-
V
VDS Temperature Coefficient
VDS/TJ
Reference to 25 °C, ID = 1 mAc
-0.63
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 500 V, VGS = 0 V
-
-
25
μA
VDS = 400 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 4.8 Ab
-
-
0.85
Forward Transconductance
gfs
VDS = 50 V, ID = 4.8 Ab
4.0
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5c
-
1100
-
pF
Output Capacitance
Coss
-
170
-
Reverse Transfer Capacitance
Crss
-18
-
Total Gate Charge
Qg
VGS = 10 V
ID = 8.0 A, VDS = 400 V,
see fig. 6 and 13b, c
--
39
nC
Gate-Source Charge
Qgs
--
10
Gate-Drain Charge
Qgd
--
19
Turn-On Delay Time
td(on)
VDD = 250 V, ID = 8.0 A,
Rg = 9.1 , RD = 30 , see fig. 10b, c
-12
-
ns
Rise Time
tr
-25
-
Turn-Off Delay Time
td(off)
-27
-
Fall Time
tf
-19
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
8.0
A
Pulsed Diode Forward Currenta
ISM
--
28
Body Diode Voltage
VSD
TJ = 25 °C, IS = 8.0 A, VGS = 0 Vb
--
2.0
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 8.0 A, dI/dt = 100 A/μsb, c
-
490
740
ns
Body Diode Reverse Recovery Charge
Qrr
-3.0
4.5
μC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
S
D
G


Numéro de pièce similaire - IRF840LCS

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF840LCS IRF-IRF840LCS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
logo
TRANSYS Electronics Lim...
IRF840LCS TEL-IRF840LCS Datasheet
156Kb / 2P
   Power MOSFET
logo
Vishay Siliconix
IRF840LCS VISHAY-IRF840LCS Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 02-Jun-08
IRF840LCS VISHAY-IRF840LCS Datasheet
231Kb / 10P
   Power MOSFET
01-Jan-2022
IRF840LCSPBF VISHAY-IRF840LCSPBF Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 02-Jun-08
More results

Description similaire - IRF840LCS

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com