Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA4425A Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce LA4425A
Description  5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4425A Fiches technique(HTML) 4 Page - ON Semiconductor

  LA4425A Datasheet HTML 1Page - ON Semiconductor LA4425A Datasheet HTML 2Page - ON Semiconductor LA4425A Datasheet HTML 3Page - ON Semiconductor LA4425A Datasheet HTML 4Page - ON Semiconductor LA4425A Datasheet HTML 5Page - ON Semiconductor LA4425A Datasheet HTML 6Page - ON Semiconductor LA4425A Datasheet HTML 7Page - ON Semiconductor LA4425A Datasheet HTML 8Page - ON Semiconductor LA4425A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LA4425A
No.A0195-4/9
PO -- VIN
23
23
57
100
57
10
1.0
10
7
5
1.0
7
5
0.1
7
5
3
2
3
2
3
2
7
5
0.1
23
57
1.0
23
57
10
10
7
5
3
2
1.0
7
5
0.1
7
5
3
2
THD -- PO
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
10
23
5
100
23
5
1k
23
5
10k
23
5
100k
f Response
THD -- f
7
5
3
2
1.0
7
5
3
2
0.1
3
35
7
100
23
57
1k
23
57
10k
23
fH
fL
100
80
60
40
20
0
02468
10
12
14
16
18
20
22
24
12
10
8
6
4
2
0
0
2
4
6
8
1012141618202224
ICCO -- VCC
VN -- VCC
RL=4Ω
Rg=0
RL=4Ω
Rg=0
Supply voltage, VCC -- V
Supply voltage, VCC -- V
VCC=13.2V
RL=4Ω
f=1kHz
Rg=600
Ω
Input voltage, VIN -- mV
VCC=13.2V
RL=4Ω
f=1kHz
Rg=600
Ω
Output power, PO -- W
Frequency, f -- Hz
Frequency, f -- Hz
VCC=13.2V
RL=4Ω
Rg=600
Ω
VO=0dBm
VCC=13.2V
RL=4Ω
Rg=600
Ω
VO=2V(PO=1W)
Sample Printed Circuit Pattern
1
5
LA4425A
GND
VCC
OUT
Co=1000
μF
Ci=2.2
μF GND
CVCC=1000μF
−+
+
+
IN
Cu-foiled side 78.0
×29.0mm2


Numéro de pièce similaire - LA4425A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
LA4425A SANYO-LA4425A Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425A ONSEMI-LA4425A Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425AN ONSEMI-LA4425AN Datasheet
98Kb / 10P
   5W Power Amplifier
September 2014 - Rev. 0
More results

Description similaire - LA4425A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A_07 Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
LA4425A SANYO-LA4425A_10 Datasheet
138Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
LA4425PV SANYO-LA4425PV Datasheet
369Kb / 8P
   Monolithic Linear IC For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
logo
Toshiba Semiconductor
TA7205AP TOSHIBA-TA7205AP Datasheet
414Kb / 5P
   5.8W AUDIO POWER AMPLIFIER FOR CAR-STEREO, CAR-RADIO OUTPUT
logo
Sanyo Semicon Device
LA4460 SANYO-LA4460 Datasheet
478Kb / 5P
   12W AF Power Amplifier For Car Radio or Car Stereo
logo
NTE Electronics
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
logo
Sanyo Semicon Device
LA4485 SANYO-LA4485 Datasheet
497Kb / 20P
   5 W, Two-channel Power Amplifier with Very Few External Parts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com