Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMMT38A Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FMMT38A
Description  SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMMT38A Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FMMT38A Datasheet HTML 1Page - Fairchild Semiconductor FMMT38A Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 NPN SILICON PLANAR MEDIUM
POWER DARLINGTON TRANSISTORS
ISSUE 3 – AUGUST 1996
FEATURES
*
60 Volt V
CEO
*
Gain of 10K at I
C=0.5 Amp
PARTMARKING DETAILS –
FMMT38A – 4J
FMMT38B – 5J
FMMT38C – 7J
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
10
V
Peak Pulse Current
ICM
800
mA
Continuous Collector Current
IC
300
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
80
V
IC=10A, IE=0
Collector-Emitter
Sustaining Voltage
VCEO(sus)
60
V
IC=10mA, IB=0
Emitter-Base
Breakdown Voltage
V(BR)EBO
10
V
IE=10A, IC=0
Collector Cut-Off
Current
ICBO
100
nA
VCB=60V, IE=0
Emitter Cut-Off Current
IEBO
100
nA
VEB=8V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
1.25
V
IC=800mA, IB=8mA*
Base-Emitter
Turn-on Voltage
VBE(on)
1.8
V
IC=800mA, VCE=5V*
Static
Forward
Current
Transfer
Ratio
FMMT38A hFE
500
1000
IC=100mA, VCE=5V*
IC=500mA, VCE=5V*
FMMT38B
2000
4000
IC=100mA, VCE=5V*
IC=500mA, VCE=5V*
FMMT38C
5000
10000
IC=100mA, VCE=5V*
IC=500mA, VCE=5V*
*Measured under pulsed conditions. Pulse width=300
s. Duty cycle  2%
Spice parameter data is available upon request for this device
FMMT38A
FMMT38B
FMMT38C
C
B
E
0.0001
50
150
100
Pulse Width (seconds)
10
100
1
0.1
0.01
0.001
0
D=1 (D.C.)
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
0.001
0.01
0.1
1
0.8
0.2
1.0
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
IC - Collector Current (Amps)
VBE(sat) v IC
IC - Collector Current (Amps)
VBE(on) v IC
0.4
0.001
0.01
0.1
1
0
1.0
0.8
0.6
0.4
0.2
1.6
1.4
1.2
IC - Collector Current (Amps)
hFE v IC
10
1.0
0.5
2.0
1.5
VCE=5V
IC/IB=100
10
0.6
0.001
0.01
0.1
1
10
IC/IB=100
1.0
0.5
2.0
1.5
0.001
0.01
0.1
1
10
VCE=5V
-55°C
+25°C
+100°C
+175°C
-55°C
+25°C
+100°C
+175°C
-55°C
+25°C
+100°C
-55°C
+25°C
+100°C
+175°C
Maximum transient thermal impedance
100m
1s
100ms
DC
1m
VCE - Collector Emitter Voltage (V)
Safe Operating Area
10ms
1ms
100us
1
10
100
10m
100m
1
FMMT38A
FMMT38B
FMMT38C
3 - 101
3 - 100
FMMT38A /B Not Recommended for
New Design Please Use FMMT38C


Numéro de pièce similaire - FMMT38A

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
FMMT38A ZETEX-FMMT38A Datasheet
118Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
Diodes Incorporated
FMMT38A DIODES-FMMT38A Datasheet
78Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
More results

Description similaire - FMMT38A

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FMMT38A DIODES-FMMT38A Datasheet
78Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
FMMT614TA ETC2-FMMT614TA Datasheet
133Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
FMMT614TC FAIRCHILD-FMMT614TC Datasheet
133Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FMMT614 DIODES-FMMT614 Datasheet
133Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Zetex Semiconductors
BCV47 ZETEX-BCV47 Datasheet
253Kb / 1P
   SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
BCW65 DIODES-BCW65 Datasheet
57Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
BC817 ZETEX-BC817_06 Datasheet
278Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
FMMTA12 DIODES-FMMTA12 Datasheet
48Kb / 1P
   SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
FMMTA13TA ETC2-FMMTA13TA Datasheet
48Kb / 1P
   SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
FMMTA14TA ETC2-FMMTA14TA Datasheet
48Kb / 1P
   SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com