Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-3150-500E Fiches technique(PDF) 17 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-3150-500E
Description  HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3150-500E Fiches technique(HTML) 17 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3150-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED HCPL-3150-500E Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
Thermal Coefficient Data (units in °C/W)
Part Number
A
11, A22
A
12, A21
A
13, A31
A
24, A42
A
14, A41
A
23, A32
A
33, A44
A
34, A43
HCPL-315J
198
64
62
64
83
90
137
69
Note: Maximum junction temperature for above part: 125°C.
Figure 28b. Thermal Impedance Model for HCPL-315J.
θ6
θ5
θ9
θ4
θ8
θ7
θ10
θ1
θ3
θ2
LED 1
LED 2
AMBIENT
DETECTOR 1
DETECTOR 2
PE1
PE2
PD1
PD2
Thermal Model Dual-Channel (SOIC-16) HCPL-315J Op-
toisolator
Definitions
T
1
,
T
2
,
T
3
,
T
4
,
T
5
,
T
6
,
T
7
,
T
8
,
T
9
,
T
10
: Thermal impedances be-
tween nodes as shown in Figure 28b. Ambient Tempera-
ture: Measured approximately 1.25 cm above the opto-
coupler with no forced air.
Description
This thermal model assumes that a 16-pin dual-channel
(SOIC-16) optocoupler is soldered into an 8.5 cm x 8.1
cm printed circuit board (PCB). These optocouplers are
hybrid devices with four die: two LEDs and two detec-
tors. The temperature at the LED and the detector of the
optocoupler can be calculated by using the equations
below.
'T
E1A
= A
11
P
E1
+ A
12
P
E2
+A
13
P
D1
+A
14
P
D2
'T
E2A
= A
21
P
E1
+ A
22
P
E2
+A
23
P
D1
+A
24
P
D2
'T
D1A
= A
31
P
E1
+ A
32
P
E2
+A
33
P
D1
+A
34
P
D2
'T
D2A
= A
41
P
E1
+ A
42
P
E2
+A
43
P
D1
+A
44
P
D2
where:
'T
E1A
= Temperature difference between ambient and LED 1
'T
E2A
= Temperature difference between ambient and LED 2
'T
D1A
= Temperature difference between ambient and detector 1
'T
D2A
= Temperature difference between ambient and detector 2
P
E1
= Power dissipation from LED 1;
P
E2
= Power dissipation from LED 2;
P
D1
= Power dissipation from detector 1;
P
D2
= Power dissipation from detector 2
A
xy
thermal coefficient (units in °C/W) is a function of thermal imped-
ances
T
1
through
T
10
.


Numéro de pièce similaire - HCPL-3150-500E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results

Description similaire - HCPL-3150-500E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-0500-500E AVAGO-HCPL-0500-500E Datasheet
691Kb / 17P
   HCPL-2502/0500/0501 Single Channel, High Speed Optocouplers
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
HCPL-2231 AVAGO-HCPL-2231 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCNW139-000E AVAGO-HCNW139-000E Datasheet
167Kb / 14P
   6N139, 6N138, HCPL-0701, HCPL-0700, HCNW138, HCNW139 Low Input Current, High Gain Optocouplers
HCPL-0500-000E AVAGO-HCPL-0500-000E Datasheet
514Kb / 17P
   HCPL-2502/0452/0453/0500/0501/4502/4503 Single Channel, High Speed Optocouplers
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
HCPL-7860 AVAGO-HCPL-7860 Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
logo
Texas Instruments
TIL920 TI1-TIL920 Datasheet
75Kb / 5P
[Old version datasheet]   SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com