Moteur de recherche de fiches techniques de composants électroniques |
|
AD7625BCPZ Fiches technique(PDF) 4 Page - Analog Devices |
|
AD7625BCPZ Fiches technique(HTML) 4 Page - Analog Devices |
4 / 24 page AD7625 Data Sheet Rev. A | Page 4 of 24 Parameter Test Conditions/Comments Min Typ Max Unit LVDS I/O (ANSI-644) Data Format Serial LVDS twos complement Differential Output Voltage, V OD R L = 100 Ω 200 350 454 mV Common-Mode Output Voltage, V OCM 2 R L = 100 Ω 850 1250 1375 mV Differential Input Voltage, V ID 100 650 mV Common-Mode Input Voltage, V ICM 800 1575 mV POWER SUPPLIES Specified Performance VDD1 4.75 5 5.25 V VDD2 2.37 2.5 2.63 V VIO 2.37 2.5 2.63 V Operating Currents Static—Not Converting VDD1 4.5 7.8 mA VDD2 17 22.7 mA VIO Self-clocked mode and echoed- clock mode 11 13 mA With Internal Reference 6 MSPS throughput VDD1 11 15.4 mA VDD2 21.5 28.3 mA VIO Self-clocked mode and echoed- clock mode 13.5 16 mA Without Internal Reference 6 MSPS throughput VDD1 9 12.1 mA VDD2 21 26 mA VIO Self-clocked mode and echoed- clock mode 13.5 16 mA Power Dissipation3 Static—Not Converting 95 130 mW With Internal Reference 6 MSPS throughput 145 190 mW Without Internal Reference 6 MSPS throughput 135 165 mW Energy per Conversion 6 MSPS throughput 22 nJ/sample TEMPERATURE RANGE Specified Performance T MIN to TMAX −40 +85 °C 1 Using an external reference. 2 The ANSI-644 LVDS specification has a minimum output common mode (V OCM) of 1125 mV. 3 Power dissipation is for the AD7625 device only. In self-clocked interface mode, 9 mW is dissipated in the 100 Ω terminator. In echoed-clock interface mode, 18 mW is dissipated in two 100 Ω terminators. |
Numéro de pièce similaire - AD7625BCPZ |
|
Description similaire - AD7625BCPZ |