Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD847JNZ Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD847JNZ
Description  High Speed, Low Power Monolithic Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD847JNZ Fiches technique(HTML) 1 Page - Analog Devices

  AD847JNZ Datasheet HTML 1Page - Analog Devices AD847JNZ Datasheet HTML 2Page - Analog Devices AD847JNZ Datasheet HTML 3Page - Analog Devices AD847JNZ Datasheet HTML 4Page - Analog Devices AD847JNZ Datasheet HTML 5Page - Analog Devices AD847JNZ Datasheet HTML 6Page - Analog Devices AD847JNZ Datasheet HTML 7Page - Analog Devices AD847JNZ Datasheet HTML 8Page - Analog Devices AD847JNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CONNECTION DIAGRAM
Plastic DIP (N),
Small Outline (R) and
Cerdip (Q) Packages
REV. F
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
High Speed, Low Power
Monolithic Op Amp
AD847
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Superior Performance
High Unity Gain BW: 50 MHz
Low Supply Current: 5.3 mA
High Slew Rate: 300 V/ s
Excellent Video Specifications
0.04% Differential Gain (NTSC and PAL)
0.19 Differential Phase (NTSC and PAL)
Drives Any Capacitive Load
Fast Settling Time to 0.1% (10 V Step): 65 ns
Excellent DC Performance
High Open-Loop Gain 5.5 V/mV (RLOAD = 1 k )
Low Input Offset Voltage: 0.5 mV
Specified for
5 V and
15 V Operation
Available in a Wide Variety of Options
Plastic DIP and SOIC Packages
Cerdip Package
Die Form
MIL-STD-883B Processing
Tape & Reel (EIA-481A Standard)
Dual Version Available: AD827 (8 Lead)
Enhanced Replacement for LM6361
Replacement for HA2544, HA2520/2/5 and EL2020
APPLICATIONS
Video Instrumentation
Imaging Equipment
Copiers, Fax, Scanners, Cameras
High Speed Cable Driver
High Speed DAC and Flash ADC Buffers
PRODUCT DESCRIPTION
The AD847 represents a breakthrough in high speed amplifiers
offering superior ac & dc performance and low power, all at low
cost. The excellent dc performance is demonstrated by its
±5 V
6
4
020
5.5
4.5
5
5
10
15
SUPPLY VOLTAGE –
± Volts
Quiescent Current vs. Supply Voltage
specifications which include an open-loop gain of 3500 V/V
(500
Ω load) and low input offset voltage of 0.5 mV. Common-
mode rejection is a minimum of 78 dB. Output voltage swing is
±3 V into loads as low as 150 Ω. Analog Devices also offers
over 30 other high speed amplifiers from the low noise AD829
(1.7 nV/
√Hz) to the ultimate video amplifier, the AD811, which
features 0.01% differential gain and 0.01
° differential phase.
APPLICATION HIGHLIGHTS
1. As a buffer the AD847 offers a full-power bandwidth of
12.7 MHz (5 V p-p with
±5 V supplies) making it outstand-
ing as an input buffer for flash A/D converters.
2. The low power and small outline package of the AD847
make it very well suited for high density applications such as
multiple pole active filters.
3. The AD847 is internally compensated for unity gain opera-
tion and remains stable when driving any capacitive load.
AD847 Driving Capacitive Loads


Numéro de pièce similaire - AD847JNZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD847JN AD-AD847JN Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JN AD-AD847JN Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
Rev. F
AD847JN AD-AD847JN Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JN AD-AD847JN Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
More results

Description similaire - AD847JNZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD847 AD-AD847 Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848 Datasheet
259Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848JRZ AD-AD848JRZ Datasheet
220Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_15 Datasheet
250Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_17 Datasheet
283Kb / 9P
   High Speed, Low Power Monolithic Op Amp
AD847ARZ AD-AD847ARZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
Rev. F
AD847JRZ-REEL7 AD-AD847JRZ-REEL7 Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JRZ AD-AD847JRZ Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847 AD-AD847_15 Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com