Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ495 Fiches technique(PDF) 4 Page - NEC

No de pièce 2SJ495
Description  SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SJ495 Fiches technique(HTML) 4 Page - NEC

  2SJ495 Datasheet HTML 1Page - NEC 2SJ495 Datasheet HTML 2Page - NEC 2SJ495 Datasheet HTML 3Page - NEC 2SJ495 Datasheet HTML 4Page - NEC 2SJ495 Datasheet HTML 5Page - NEC 2SJ495 Datasheet HTML 6Page - NEC 2SJ495 Datasheet HTML 7Page - NEC 2SJ495 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SJ495
4
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID- Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
–10
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
GATE TO SOURCE CUTOFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - °C
ID - Drain Current - A
40
–1
10
0.001
0.01
0.1
1
100
1 000
1 m
10 m
100 m
1
10
100
1 000
10
µµ
100
VDS = –10 V
Pulsed
–1
–10
10
100
1000
–100
–1000
50
–20
–30
Pulsed
60
–10
–100
Pulsed
0
VDS = –10 V
ID = –1 mA
–50
0
50
100
150
0
1
Single Pulse
–1.0
–2.0
150
100
80
VGS = –10 V
VGS = –4 V
Tch=–25°C
25°C
75°C
125°C
ID = –15 A
–1.5
–0.5
20
Rth(ch-a) = 62.5°C/W
Rth(ch-c) = 3.57°C/W


Numéro de pièce similaire - 2SJ495

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SJ495 RENESAS-2SJ495 Datasheet
298Kb / 10P
   MOS FIELD EFFECT POWER TRANSISTORS
1997
More results

Description similaire - 2SJ495

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPA1730 NEC-UPA1730 Datasheet
71Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ330 NEC-2SJ330 Datasheet
339Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ493 NEC-2SJ493 Datasheet
66Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ329 NEC-2SJ329 Datasheet
344Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ331 NEC-2SJ331 Datasheet
345Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ600 NEC-2SJ600 Datasheet
40Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ601 NEC-2SJ601 Datasheet
54Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ302 NEC-2SJ302 Datasheet
440Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1716 NEC-UPA1716 Datasheet
66Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1717 NEC-UPA1717 Datasheet
65Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com