Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XX1007-QT Fiches technique(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

No de pièce XX1007-QT
Description  Doubler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XX1007-QT Fiches technique(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  XX1007-QT Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XX1007-QT Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XX1007-QT Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XX1007-QT Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XX1007-QT Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XX1007-QT Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
Doubler
13.5-17.0/27.0-34.0 GHz
XX1007-QT
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
Evaluation Board Layout
These numbers were calculated based on accelerated life test information and thermal model analysis received
from the fabricating foundry.
RF in
Vd
RF out
MTTF Tables (TBD)
Backplate
Temperature
Channel
Temperature
Rth
MTTF Hours
FITs
75 deg Celsius
192 deg Celsius
126 C/W
3.4 E+06
2.9 E+02
Bias Conditions: Vd=5.0V, Id=200mA


Numéro de pièce similaire - XX1007-QT

FabricantNo de pièceFiches techniqueDescription
logo
Mimix Broadband
XX1007-QT MIMIX-XX1007-QT Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
XX1007-QT MIMIX-XX1007-QT Datasheet
664Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler
XX1007-QT-0G00 MIMIX-XX1007-QT-0G00 Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
XX1007-QT-0G0T MIMIX-XX1007-QT-0G0T Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
XX1007-QT-EV1 MIMIX-XX1007-QT-EV1 Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
More results

Description similaire - XX1007-QT

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
XX1007-QT MA-COM-XX1007-QT_15 Datasheet
758Kb / 6P
   Doubler
logo
Solid States Devices, I...
RU0163 SSDI-RU0163 Datasheet
221Kb / 2P
   DOUBLER
logo
M/A-COM Technology Solu...
XX1007-BD MA-COM-XX1007-BD Datasheet
864Kb / 6P
   Doubler
XX1010-QT MA-COM-XX1010-QT Datasheet
183Kb / 5P
   Doubler
XX1007-BD MA-COM-XX1007-BD_15 Datasheet
864Kb / 6P
   Doubler
FD25H_V3 MA-COM-FD25H_V3 Datasheet
1Mb / 3P
   Frequency Doubler
FD93H MA-COM-FD93H Datasheet
754Kb / 3P
   Frequency Doubler
FD26 MA-COM-FD26 Datasheet
1Mb / 3P
   Frequency Doubler
logo
Tyco Electronics
FD25H MACOM-FD25H Datasheet
75Kb / 2P
   FREQUENCY DOUBLER
logo
Spectrum Microwave, Inc...
FD9XMS-1 SPECTRUM-FD9XMS-1 Datasheet
962Kb / 1P
   Frequency Doubler
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com