Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL28EB636A Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce SL28EB636A
Description  Timing Selector Guide
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28EB636A Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button SL28EB636A Datasheet HTML 6Page - Silicon Laboratories SL28EB636A Datasheet HTML 7Page - Silicon Laboratories SL28EB636A Datasheet HTML 8Page - Silicon Laboratories SL28EB636A Datasheet HTML 9Page - Silicon Laboratories SL28EB636A Datasheet HTML 10Page - Silicon Laboratories SL28EB636A Datasheet HTML 11Page - Silicon Laboratories SL28EB636A Datasheet HTML 12Page - Silicon Laboratories SL28EB636A Datasheet HTML 13Page - Silicon Laboratories SL28EB636A Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10 / CLOCK A ND OSCILL ATOR SELEC TOR
EMI REDUCTION CLOCK FEATURES
• Output frequencies from 1 to 200 MHz
• CLKOUT, REFCLK or SSCLK output options
• CLKIN or XO input options
• 8 to 48 MHz crystal input range
• 1 to 166 MHz clock input range
• Spread percent from 0 to 5.0%
• Down or center spread options
• Spread modulation frequency from 16 to 128 kHz
• On-chip programmable crystal capacitive
load (C
L): 8 to 20 pF
• User-definable control pins Powerdown,
Output Enable, Spread Enable, Frequency
Select, Spread Select control pins
• 7 programmable tr/tf options
• Smallest SSCG clock on the market
(TDFN6 1.2 mm x 1.4 mm)
Silicon Labs’ programmable spread spectrum clock generators feature a wide range of programming options allowing
system designers to minimize EMI at the application level. Configurable parameters include spread spectrum percentage/
modulation rate, programmable edge rates, programmable output impedance and programmable skew.
EMI Reduction Clocks
PART NUMBER CONTROL
CLOCK
INPUT/
OUTPUTS
INPUT
FREQUENCY
(MHz)
OUTPUT
FREQUENCY
(MHz)
PHASE
JITTER
(RMS)
VDD
VDDO
OUTPUT
PACKAGE
SL15300
Pin
1/4
3 - 166 (Clock), 8 - 48 (Xtal)
3 - 200 MHz
1.8, 2.5, 3.3 V
LVCMOS
TSSOP8
SL16020DC
Pin/I2C
1/2
27 (Xtal)
27 MHz, 100 MHz
3.3 V
LVCMOS
TDFN10
Si5335
Pin
1/4
10 - 350 (Clock), 25/27 (Xtal)
1 - 350 MHz
1.0 ps
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS, LVDS,
LVPECL, HCSL, SSTL,
HSTL, CML
QFN24
Si51210
Pin
1/2
3 - 166 (Clock), 8 - 48 (Xtal)
3 - 200 MHz
2.5 - 3.3 V
LVCMOS
TDFN6
Si51211
Pin
2/3
3 - 166 (Clock), 8 - 48 (Xtal)
3 - 200 MHz
2.5 - 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
TDFN8
Si51214
Pin
1/2
3 - 166 (Clock), 8 - 48 (Xtal)
3 - 200 MHz
1.8 V
LVCMOS
TDFN6
Si51219
Pin
2/3
3 - 166 (Clock), 8 - 48 (Xtal)
3 - 200 MHz
2.5 - 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
TSSOP8
Si52142
Pin/I2C
1/3
25 MHz
100 MHz, 25 MHz
1.0 ps
3.3 V
3.3 V
HSCL, LVCMOS
QFN24
Si52143
Pin/I2C
1/5
25 MHz
100 MHz, 25 MHz
1.0 ps
3.3 V
3.3 V
HSCL, LVCMOS
QFN24
Si52144
Pin/I2C
1/4
25 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HSCL
QFN24
Si52146
Pin/I2C
1/6
25 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HSCL
QFN32
Si52147
Pin/I2C
1/9
25 MHz
100 MHz
1.0 ps
3.3 V
3.3 V
HSCL
QFN48
Print Head
Print Head
Paper Tray
Paper Tray
Photos
Photos
DDR
DDR
HDD
HDD
Low Power
Wake-on-LAN
Low Power
Wake-on-LAN
SATA
Controller
SATA
Controller
Si51219
Tiny Clock
Generator
Si51219
Tiny Clock
Generator
C8051F38x/T62x
USB MCU
C8051F38x/T62x
USB MCU
SiM3U1xx
32-bit MCU
SiM3U1xx
32-bit MCU
SL28SRC02
Clock
Generator
SL28SRC02
Clock
Generator
Processor
Processor
Ethernet
Ethernet
USB
USB
IEEE 1384
IEEE 1384
LCD Panel
WLAN
—OR—


Numéro de pièce similaire - SL28EB636A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SL28EB742 ETC2-SL28EB742 Datasheet
231Kb / 40P
   INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
logo
Silicon Laboratories
SL28EB742 SILABS-SL28EB742 Datasheet
302Kb / 43P
   EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
SL28EB742ALC SILABS-SL28EB742ALC Datasheet
302Kb / 43P
   EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
More results

Description similaire - SL28EB636A

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com