Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


PTB20147 Datasheet(Fiches technique) 2 Page - Ericsson

Numéro de pièce PTB20147
Description  2.5 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ERICSSON [Ericsson]
Site Internet  http://www.ericsson.com
Logo 

   
 2 page
background image
PTB 20147
2
e
Z Source
Z Load
Electrical Characteristics (100% Tested)
Characteristic
Conditions
Symbol
Min
Typ
Max
Units
Breakdown Voltage C to E
VBE = 0 V, IC = 10 mA
V(BR)CES
50
Volts
Breakdown Voltage C to E
IB = 0 A, IC = 10 mA, RBE = 22 Ω
V(BR)CER
50
Volts
Breakdown Voltage E to B
IC = 0 A, IE = 5 mA
V(BR)EBO
4
5
Volts
DC Current Gain
VCE = 5 V, IC = 250 mA
hFE
20
40
RF Specifications (100% Tested)
Characteristic
Symbol
Min
Typ
Max
Units
Gain
(VCC = 26 Vdc, Pout = 2.5 W, ICQ = 40 mA, f = 2.0 GHz)
Gpe
810
dB
Power Output at 1 dB Compression
(VCC = 26 Vdc, ICQ = 40 mA, f = 2.0 GHz)
P-1dB
2.5
4
Watts
Collector Efficiency
(VCC = 26 Vdc, Pout = 1.17 W, ICQ = 40 mA, f = 2.0 GHz)
ηC
20
%
Load Mismatch Tolerance
(VCC = 26 Vdc, Pout = 2.5 W, ICQ = 40 mA,
Ψ
5:1
f = 2.0 GHz—all phase angles at frequency of test)
Impedance Data (data shown for fixed-tuned broadband circuit)
(VCC = 26 Vdc, Pout = 2.5 W, ICQ = 40 mA)
Frequency
Z Source
Z Load
GHz
R
jX
R
jX
1.8
30.0
-2.45
5.65
13.1
1.9
22.9
0.00
7.23
13.8
2.0
17.7
5.14
6.30
11.9
Z0 = 50 Ω
Ericsson Components
RF Power Products
675 Jarvis Drive
Morgan Hill, CA 95037 USA
Telephone: 408-778-9434
Specifications subject to change without notice.
LF
© Ericsson Components AB 1995
EUS/KR 1301-PTB 20147 Uen Rev. D 09-28-98
1-877-GOLDMOS
(1-877-465-3667)
e-mail: rfpower@ericsson.com
www.ericsson.com/rfpower




Html Pages

1  2 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
PTB201802.5 Watts 1.8-2.0 GHz Cellular Radio RF Power Transistor 1 2 Ericsson
PTB2008215 Watts 1.8-2.0 GHz Cellular Radio RF Power Transistor 1 2 3 4 Ericsson
PTB2017030 Watts 1.8-2.0 GHz Cellular Radio RF Power Transistor 1 2 3 4 5 Ericsson
PTB201874 Watts 1.8-2.0 GHz Cellular Radio RF Power Transistor 1 2 Ericsson
PTB202492.5 Watts 1465-1513 MHz Cellular Radio RF Power Transistor 1 2 3 Ericsson
PTB200516 Watts 1.465-1.513 GHz Cellular Radio RF Power Transistor 1 2 Ericsson
PTB2019360 Watts 1.8-1.9 GHz Cellular Radio RF Power Transistor 1 2 3 Ericsson
PTB201460.4 Watt 1.8-2.0 GHz Cellular Radio RF Power Transistor 1 2 Ericsson
PTB2007414 watts 1.477-1.501 GHz Cellular Radio RF Power Transistor 1 2 Ericsson
PTB201790.4 Watt 1.8-2.0 GHz Cellular Radio RF Power Transistor 1 2 3 Ericsson

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl