Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ357 Fiches technique(PDF) 2 Page - NEC

No de pièce 2SJ357
Description  P-CHANNEL MOS FET FOR HIGH-SPEED SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SJ357 Fiches technique(HTML) 2 Page - NEC

  2SJ357 Datasheet HTML 1Page - NEC 2SJ357 Datasheet HTML 2Page - NEC 2SJ357 Datasheet HTML 3Page - NEC 2SJ357 Datasheet HTML 4Page - NEC 2SJ357 Datasheet HTML 5Page - NEC 2SJ357 Datasheet HTML 6Page - NEC 2SJ357 Datasheet HTML 7Page - NEC 2SJ357 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SJ357
2
Data Sheet D10803EJ3V0DS00
ELECTRICAL SPECIFICATIONS (TA = +25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Drain Shut-down Current
IDSS
VDS = –30 V, VGS = 0
–10
µA
Gate Leak Current
IGSS
VGS = –16/+10 V, VDS = 0
–/+10
µA
Gate Cutoff Voltage
VGS(off)
VDS = –10 V, ID = –1 mA
–1.0
–1.5
–2.0
V
Forward Transfer Admittance
|yfs|VDS = –10 V, ID = –1.0 A
1.8
S
Drain-Source On-Resistance
RDS(on)1
VGS = –4 V, ID = –1.5 A
0.23
0.35
Drain-Source On-Resistance
RDS(on)2
VGS = –10 V, ID = –1.5 A
0.12
0.20
Input Capacitance
Ciss
VDS = –10 V, VGS = 0,
645
pF
Output Capacitance
Coss
f = 1.0 MHz
500
pF
Feedback Capacitance
Crss
275
pF
On-Time Delay
td(on)
VDD = –25 V, ID = –1.5 A
8
ns
Rise Time
tr
VGS(on) = –10 V
42
ns
Off-Time Delay
td(off)
RG = 10
Ω, RL = 17 Ω
145
ns
Fall Time
tf
170
ns
Gate Input Charge
QG
VDS = –24 V,
25.1
nC
Gate-Source Chanrge
QGS
VGS = –10 V,
2.0
nC
Gate-Drain Charge
QGD
ID = –3.1 A, IG = –2 mA
9.8
nC
Internal Diode Reverse
trr
IF = 3.0 A
112
ns
Recovery Time
di/dt = 50 A/
µs
Internal Diode Reverse
Qrr
106
nC
Recovery Charge
CHARACTERISTICS CURVES (TA = +25
°C)
100
25
80
60
40
20
0
50
75
100
125
150
TA – Ambient Temperature – °C
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
–10
–1
–5
–2
–1
–0.5
–0.5
–2
–5
–10
–20
–100
VDS – Drain to Source Voltage – V
FORWARD BIAS SAFE OPERATING AREA
–50
–0.05
–0.1
–0.2
DS
Single Pulse
10
ms
PW
=
100
ms
1 ms


Numéro de pièce similaire - 2SJ357

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SJ357 RENESAS-2SJ357 Datasheet
292Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1994
More results

Description similaire - 2SJ357

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SJ358 NEC-2SJ358 Datasheet
97Kb / 6P
   P-CHANNEL MOS FET FOR HIGH-SPEED SWITCH
2SJ184 NEC-2SJ184 Datasheet
394Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ353 NEC-2SJ353 Datasheet
58Kb / 6P
   P-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SJ181S KEXIN-2SJ181S Datasheet
45Kb / 2P
   P-Channel MOS FET For High-Speed Switching
logo
NEC
2SJ166 NEC-2SJ166 Datasheet
350Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ178 NEC-2SJ178 Datasheet
399Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ179 NEC-2SJ179 Datasheet
320Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ180 NEC-2SJ180 Datasheet
373Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ185 NEC-2SJ185 Datasheet
401Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ356 NEC-2SJ356 Datasheet
68Kb / 6P
   P-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com