Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5037M Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FAN5037M
Description  Adjustable Switching Regulator Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5037M Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5037M Datasheet HTML 2Page - Fairchild Semiconductor FAN5037M Datasheet HTML 3Page - Fairchild Semiconductor FAN5037M Datasheet HTML 4Page - Fairchild Semiconductor FAN5037M Datasheet HTML 5Page - Fairchild Semiconductor FAN5037M Datasheet HTML 6Page - Fairchild Semiconductor FAN5037M Datasheet HTML 7Page - Fairchild Semiconductor FAN5037M Datasheet HTML 8Page - Fairchild Semiconductor FAN5037M Datasheet HTML 9Page - Fairchild Semiconductor FAN5037M Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FAN5037
PRODUCT SPECIFICATION
6
REV. 1.0.3 9/26/01
Table1. Bill of Materials for a FAN5037 3.3V, 13A Application
Qty.
Reference
Manufacturer
Part Order #
Description
Requirements
and Comments
3
C1, C7-8
Any
100nF, 25V Capacitor
3
C2-4
Sanyo
10MV1200GX
1200µF, 10V Aluminum Capacitor
IRMS = 2A , See Equation
(2) in Applications
1
C5
Any
1µF, 25V Capacitor
1
C6
Any
180pF, 50V Capacitor
C0G
6
C9-14
Sanyo
6MV1500GX
1500µF, 6.3V Aluminum Capacitor
ESR = 44m
1
R1
Any
47.5
1
R2
Any
4.75
1
R3
N/A
5.2m
Ω, 1W Resistor
PCB Trace Resistor, see
Equation (3) Applications
1
R4
Any
3.48K
1
R5
Any
2K
1
D1
Motorola
MBRB1545CT
15A, 45V Schottky
1
D2
Fairchild
MMBD4148
Signal Diode
1
D3
Motorola
1N4735A
6.2V Zener
1
Q1
Fairchild
FDB6030L
30V, 14m
Ω Logic Level MOSFET
Optional
L1
Any
2.5µH Inductor
ISAT > 8A
1
L2
Any
4.7µH Inductor
ISAT > 13A
1
U1
Fairchild
FAN5037M
PWM Controller
Application Information
The FAN5037 contains a precision trimmed zero TC voltage
reference, a constant-on-time architecture controller, a high
current output driver, and a low offset error amp. The
detailed block diagram in Figure 1 shows how the FAN5037
works together with external components to achieve a high-
performance switching power supply.
Switch-Mode Control Loop
The main control loop for the switch-mode converter consists
of a current conditioning amplifier and a voltage conditioning
amplifier. The voltage amplifier compares the voltage from the
internal reference with the converter’s output voltage divided
by an external resistor divider. The current amplifier senses the
current by comparing the voltages at the IFBH and IFBL pins,
which are attached to either side of the current sense resistor.
The signals from the voltage and current amplifiers are
summed together, the result being used to control the off-time
of the oscillator. The current feedback signal is also used as
part of the FAN5037 short-circuit protection.
High Current Output Drivers
The FAN5037 high current output driver (DRV) contains
high speed bipolar power transistors configured in a
push-pull configuration. The output driver is capable of sup-
plying 0.5A of current in less than 100ns. The driver’s power
and ground are separated from the overall chip power and
ground for added switching noise immunity.
Internal Reference
The reference in the FAN5037 is a precision band-gap type
reference. Its temperature coefficient is trimmed to provide a
near zero TC.
Constant-On-Time Oscillator
The FAN5037 switch-mode oscillator is designed as a fixed
on-time, variable off-time oscillator. The constant-on-time
oscillator consists of a comparator, an external capacitor, a
fixed current source, a variable current source, and an analog
switch that selects between two threshold voltages for the
comparator. The external timing capacitor is alternately


Numéro de pièce similaire - FAN5037M

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
More results

Description similaire - FAN5037M

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5037 FAIRCHILD-FAN5037 Datasheet
101Kb / 11P
   Adjustable Switching Regulator Controller
RC5037 FAIRCHILD-RC5037 Datasheet
81Kb / 12P
   Adjustable Switching Regulator Controller
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com