Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF10NM60ND Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STF10NM60ND
Description  N-channel 600 V, 0.57, 8 A, DPAK, TO-220FP, TO-220 FDmesh II Power MOSFET (with fast diode)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF10NM60ND Fiches technique(HTML) 3 Page - STMicroelectronics

  STF10NM60ND Datasheet HTML 1Page - STMicroelectronics STF10NM60ND Datasheet HTML 2Page - STMicroelectronics STF10NM60ND Datasheet HTML 3Page - STMicroelectronics STF10NM60ND Datasheet HTML 4Page - STMicroelectronics STF10NM60ND Datasheet HTML 5Page - STMicroelectronics STF10NM60ND Datasheet HTML 6Page - STMicroelectronics STF10NM60ND Datasheet HTML 7Page - STMicroelectronics STF10NM60ND Datasheet HTML 8Page - STMicroelectronics STF10NM60ND Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
STD10NM60ND, STF10NM60ND, STP10NM60ND
Electrical ratings
Doc ID 18467 Rev 2
3/19
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK
TO-220FP
TO-220
VDS
Drain-source voltage
600
V
VGS
Gate- source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
8
8 (1)
1.
Limited by maximum junction temperature.
8A
ID
Drain current (continuous) at TC = 100 °C
5
5 (1)
5A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
32
32 (1)
32
A
PTOT
Total dissipation at TC = 25 °C
70
25
70
W
dv/dt(3)
3.
ISD ≤8 A, di/dt ≤400 A/µs, VDS peak ≤V(BR)DSS, VDD = 80% V(BR)DSS.
Peak diode recovery voltage slope
40
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1 s;TC=25 °C)
2500
V
TJ
Tstg
Operating junction temperature
Storage temperature
- 55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
DPAK
TO-220FP
TO-220
Rthj-case Thermal resistance junction-case max
1.79
5
1.79
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.50
62.50
°C/W
Rthj-pcb
Thermal resistance junction-pcb max
50
°C/W
TJ
Maximum lead temperature for soldering
purpose
300
°C/W
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAS
Avalanche current, repetitive or not-
repetitive (pulse width limited by Tj Max)
2.5
A
EAS
Single pulse avalanche energy (starting
TJ=25 °C, ID=IAS, VDD=50 V)
130
mJ


Numéro de pièce similaire - STF10NM60ND

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
STF10NM60ND VBSEMI-STF10NM60ND Datasheet
1Mb / 10P
   N-Channel 650V (D-S)Power MOSFET
More results

Description similaire - STF10NM60ND

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD11NM60ND STMICROELECTRONICS-STD11NM60ND_10 Datasheet
756Kb / 19P
   N-channel 600 V, 0.37 廓, 10 A, FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
STX23NM60ND STMICROELECTRONICS-STX23NM60ND_10 Datasheet
820Kb / 18P
   N-channel 600 V, 0.150 廓, 19.5 A, FDmesh??II Power MOSFET (with fast diode) D짼PAK, I짼PAK, TO-220, TO-220FP, TO-247
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STW34NM60ND STMICROELECTRONICS-STW34NM60ND Datasheet
1Mb / 22P
   N-channel 600 V, 0.097 Ohm typ., 29 A FDmesh II Power MOSFET (with fast diode) in D2PAK, TO-220FP, TO-220 and TO-247
STB15NM60ND STMICROELECTRONICS-STB15NM60ND Datasheet
600Kb / 19P
   N-channel 600 V - 0.27 廓 - 14 A - FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247
STB25NM60ND STMICROELECTRONICS-STB25NM60ND Datasheet
530Kb / 18P
   N-channel 600 V - 0.13 廓 - 21 A FDmesh??II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
STB21NM60ND STMICROELECTRONICS-STB21NM60ND_09 Datasheet
559Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STX25NM60ND STMICROELECTRONICS-STX25NM60ND Datasheet
600Kb / 18P
   N-channel 600 V, 0.13 廓, 21 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STP21NM60ND STMICROELECTRONICS-STP21NM60ND Datasheet
545Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STX6NM60N STMICROELECTRONICS-STX6NM60N Datasheet
698Kb / 19P
   N-channel 600 V, 0.85 ?? 4.6 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
January 2009 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com