Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4031 Fiches technique(PDF) 3 Page - Continental Device India Limited

No de pièce 2N4031
Description  PNP SILICON PLANAR TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N4031 Fiches technique(HTML) 3 Page - Continental Device India Limited

  2N4031 Datasheet HTML 1Page - Continental Device India Limited 2N4031 Datasheet HTML 2Page - Continental Device India Limited 2N4031 Datasheet HTML 3Page - Continental Device India Limited 2N4031 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PNP SILICON PLANAR RF TRANSISTORS
2N4030, 2N4031
2N4032, 2N4033
TO-39
Metal Can Package
TO-39 Metal Can Package
2 1
3
PIN CONFIGURATION
1. EMITTER
2. BASE
3. COLLECTOR
DIM
MIN
MAX
A
8.50
9.39
B
7.74
8.50
C
6.09
6.60
D
0.40
0.53
E—
0.88
F
2.41
2.66
G
4.82
5.33
H
0.71
0.86
J
0.73
1.02
K12.70
L
42 DEG 48 DEG
A
B
D
G
L
H
J
1
2
3
TO-39
500 pcs/polybag 540 gm/500 pcs
3" x 7.5" x 7.5"
20K
17" x 15" x 13.5"
32K
40 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 3 of 4


Numéro de pièce similaire - 2N4031

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
2N4031 CENTRAL-2N4031 Datasheet
55Kb / 1P
   Small Signal Transistors
logo
Comset Semiconductor
2N4031 COMSET-2N4031 Datasheet
235Kb / 3P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
New Jersey Semi-Conduct...
2N4031 NJSEMI-2N4031 Datasheet
480Kb / 2P
   GENERAL PURPOSE HIGH-VOLTAGE
logo
Comset Semiconductor
2N4031 COMSET-2N4031 Datasheet
84Kb / 4P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
More results

Description similaire - 2N4031

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BSV15 SIEMENS-BSV15 Datasheet
261Kb / 8P
   PNP SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
2N4234 CDIL-2N4234 Datasheet
68Kb / 4P
   PNP SILICON PLANAR TRANSISTORS
logo
Siemens Semiconductor G...
2N2904 SIEMENS-2N2904 Datasheet
173Kb / 7P
   PNP SILICON PLANAR TRANSISTORS
2N2906 SIEMENS-2N2906 Datasheet
41Kb / 2P
   PNP SILICON PLANAR TRANSISTORS
logo
New Jersey Semi-Conduct...
BCX23 NJSEMI-BCX23 Datasheet
42Kb / 1P
   PNP silicon planar transistors
logo
Siemens Semiconductor G...
BD287 SIEMENS-BD287 Datasheet
93Kb / 4P
   PNP SILICON PLANAR TRANSISTORS
logo
Diodes Incorporated
2N67267 DIODES-2N67267 Datasheet
49Kb / 1P
   PNP SILICON PLANAR TRANSISTORS
logo
Siemens Semiconductor G...
2N2906A SIEMENS-2N2906A Datasheet
130Kb / 5P
   PNP SILICON PLANAR TRANSISTORS
BCY77 SIEMENS-BCY77 Datasheet
218Kb / 7P
   PNP SILICON PLANAR TRANSISTORS
logo
New Jersey Semi-Conduct...
BD287 NJSEMI-BD287 Datasheet
114Kb / 2P
   PNP Silicon Planar Transistors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com