Moteur de recherche de fiches techniques de composants électroniques |
|
FPXLF073-20 Fiches technique(PDF) 3 Page - Fox Electronics |
|
FPXLF073-20 Fiches technique(HTML) 3 Page - Fox Electronics |
3 / 3 page Due to the long lead times for plastic FPXLF parts? We, at Fox, thought you might be interested in alternatives that do not require that you change your circuit board? Alternative is fully RoHS Compliant / Pb Free – FPXLF uses Exemption 7a *1*Limited available frequencies between 8MHz and 10MHz Fox FPXLF on the Recommended 6.7 Fox Pad Layout 2.0 2.4 3.6 1.6 3.4 1.0 Fox FPXLF on the 7 Recommended Oversized Competition Pad Layout 3.6 1.0 6.7 2.0 2.4 1.5 2 1.7 1.5 3.4 1.6 Fox Pad Layout Recommended FQ5032A on the The FPXLF layout is one of the earliest conversions from Thru-Hole, to surface mount. As such, the 2 terminations on the right are not used for anything in the circuit. The pads are there only to provide additional mechanical adherence to the circuit board. The circuit only uses the 2 pads on the left. The pads on the right can remain empty and the circuit will work normally. Even if you are using one of the competitor recommended layouts, it is only the 2 pads on the left. If an alternative will fit on the smaller Fox recommendation, it will fit on the competitor’s layout. For Frequencies above 8MHz *1*, there is an alternative, the Fox model FQ5032A. It is available with 25°C accuracy of ±20ppm, ±25ppm, ±30ppm, ±50ppm, or ±100ppm. And the same values for stability between -20°C & +70°C. For -40°C to +85°C, it is available at ±30ppm, ±50ppm, or ±100ppm. More capable than the model FPXLF – and can be purchased at a lower cost! And it fits very well on the active 2 pads of the model FPXLF. For even tighter Tolerance and Temperature Stability, the model FX532AS is available. To fit on the same 2 pads 1.6 2.4 6.7 2.0 3.4 FX532AS on the Recommended Fox Pad Layout 2.0 (Call for details) |
Numéro de pièce similaire - FPXLF073-20 |
|
Description similaire - FPXLF073-20 |