Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2845B Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce UC2845B
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC2845B Fiches technique(HTML) 2 Page - STMicroelectronics

  UC2845B Datasheet HTML 1Page - STMicroelectronics UC2845B Datasheet HTML 2Page - STMicroelectronics UC2845B Datasheet HTML 3Page - STMicroelectronics UC2845B Datasheet HTML 4Page - STMicroelectronics UC2845B Datasheet HTML 5Page - STMicroelectronics UC2845B Datasheet HTML 6Page - STMicroelectronics UC2845B Datasheet HTML 7Page - STMicroelectronics UC2845B Datasheet HTML 8Page - STMicroelectronics UC2845B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
* All voltages are with respect to pin 5, all currents are positive into the specified terminal.
PIN CONNECTION (top view)
COMP
VFB
ISENSE
RT/CT
GROUND
OUTPUT
Vi
VREF
1
3
2
4
6
5
7
8
D95IN332
Minidip/SO8
ORDERING NUMBERS
SO8
Minidip
UC2842BD1; UC3842BD1
UC2843BD1; UC3843BD1
UC2844BD1; UC3844BD1
UC2845BD1; UC3845BD1
UC2842BN; UC3842BN
UC2843BN; UC3843BN
UC2844BN; UC3844BN
UC2845BN; UC3845BN
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
Supply Voltage (low impedance source)
30
V
Vi
Supply Voltage (Ii < 30mA)
Self Limiting
IO
Output Current
±1
A
EO
Output Energy (capacitive load)
5
µJ
Analog Inputs (pins 2, 3)
– 0.3 to 5.5
V
Error Amplifier Output Sink Current
10
mA
Ptot
Power Dissipation at Tamb
≤ 25 °C (Minidip)
1.25
W
Ptot
Power Dissipation at Tamb
≤ 25 °C (SO8)
800
mW
Tstg
Storage Temperature Range
– 65 to 150
°C
TJ
Junction Operating Temperature
– 40 to 150
°C
TL
Lead Temperature (soldering 10s)
300
°C
PIN FUNCTIONS
No
Function
Description
1
COMP
This pin is the Error Amplifier output and is made available for loop compensation.
2VFB
This is the inverting input of the Error Amplifier. It is normally connected to the switching
power supply output through a resistor divider.
3ISENSE
A voltage proportional to inductor current is connected to this input. The PWM uses this
information to terminate the output switch conduction.
4RT/CT
The oscillator frequency and maximum Output duty cycle are programmed by connecting
resistor RT to Vref and cpacitor CT to ground. Operation to 500kHz is possible.
5
GROUND
This pin is the combined control circuitry and power ground.
6
OUTPUT
This output directly drives the gate of a power MOSFET. Peak currents up to 1A are sourced
and sunk by this pin.
7VCC
This pin is the positive supply of the control IC.
8Vref
This is the reference output. It provides charging current for capacitor CT through resistor RT.
UC2842B/3B/4B/5B - UC3842B/3B/4B/5B
2/15


Numéro de pièce similaire - UC2845B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
UC2845B ONSEMI-UC2845B Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
UC2845B ONSEMI-UC2845B Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
STMicroelectronics
UC2845B STMICROELECTRONICS-UC2845B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC2845B ONSEMI-UC2845B Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
STMicroelectronics
UC2845B STMICROELECTRONICS-UC2845B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Description similaire - UC2845B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
   High Performance Current Mode PWM Controller
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com