Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MACP-008249-CH09B0-V4 Fiches technique(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

No de pièce MACP-008249-CH09B0-V4
Description  17dB Directional Coupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACP-008249-CH09B0-V4 Fiches technique(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MACP-008249-CH09B0-V4 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACP-008249-CH09B0-V4 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACP-008249-CH09B0-V4 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MACP-008249-CH09B0-V4 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
17dB Directional Coupler
5 - 120 MHz
M/A-COM Products
V4
MACP-008249-CH09B0
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Part Number
Description
MACP-008249-CH09B0
Tape & Reel
Ordering Information
Recommended Maximum Ratings
Parameter
Units
Max
Min
Input Power
mW
250
DC Current
mA
200
Operating Temperature Range
ºC
+85
-40
Storage Temperature Range
ºC
+125
-55
Tape & Reel Information
Parameter
Units
Value
Qty per reel
-
2000
Reel size
mm
330
Tape width (W)
mm
12.0
Pitch (P1)
mm
8.0
A0
mm
4.5
B0
mm
4.5
K0
mm
3.4
Orientation
-
F27
Reference Application Note ANI-019 for orientation
Temperature data available on request


Numéro de pièce similaire - MACP-008249-CH09B0-V4

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
MACP-008249-CH09B0 MACOM-MACP-008249-CH09B0 Datasheet
221Kb / 3P
   17dB Directional Coupler 5-120 MHz
logo
M/A-COM Technology Solu...
MACP-008249-CH09B0 MA-COM-MACP-008249-CH09B0 Datasheet
93Kb / 3P
   17dB Directional Coupler 5 - 120 MHz
MACP-008249-CH09B0 MA-COM-MACP-008249-CH09B0_15 Datasheet
559Kb / 4P
   17dB Directional Coupler
More results

Description similaire - MACP-008249-CH09B0-V4

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
MACP-008249-CH09B0 MA-COM-MACP-008249-CH09B0_15 Datasheet
559Kb / 4P
   17dB Directional Coupler
logo
Tyco Electronics
MACP-008249-CH09B0 MACOM-MACP-008249-CH09B0 Datasheet
221Kb / 3P
   17dB Directional Coupler 5-120 MHz
logo
M/A-COM Technology Solu...
MACP-008249-CH09B0 MA-COM-MACP-008249-CH09B0 Datasheet
93Kb / 3P
   17dB Directional Coupler 5 - 120 MHz
MACPCC0002 MA-COM-MACPCC0002_15 Datasheet
89Kb / 4P
   Low Cost SMT 17dB Bi-Directional Coupler
MACP-008248-CH0670 MA-COM-MACP-008248-CH0670 Datasheet
75Kb / 3P
   17dB Coupler
MACP-008248-CH0670 MA-COM-MACP-008248-CH0670_15 Datasheet
75Kb / 3P
   17dB Coupler
MACPCC0002 MA-COM-MACPCC0002 Datasheet
89Kb / 4P
   Low Cost SMT 17dB Bi-Directional Coupler
MACP-010383-CH0A40 MA-COM-MACP-010383-CH0A40 Datasheet
121Kb / 4P
   Coupler, 17dB
MACP-007486-CH0010-V2 MA-COM-MACP-007486-CH0010-V2 Datasheet
706Kb / 3P
   17dB Coupler
MACP-010507-CH0160 MA-COM-MACP-010507-CH0160 Datasheet
135Kb / 4P
   Coupler, 17dB
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com