Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8194ACPZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8194ACPZ
Description  Buffered 2:1 TMDS Switch with Equalization
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8194ACPZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8194ACPZ Datasheet HTML 3Page - Analog Devices AD8194ACPZ Datasheet HTML 4Page - Analog Devices AD8194ACPZ Datasheet HTML 5Page - Analog Devices AD8194ACPZ Datasheet HTML 6Page - Analog Devices AD8194ACPZ Datasheet HTML 7Page - Analog Devices AD8194ACPZ Datasheet HTML 8Page - Analog Devices AD8194ACPZ Datasheet HTML 9Page - Analog Devices AD8194ACPZ Datasheet HTML 10Page - Analog Devices AD8194ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8194
Rev. 0 | Page 7 of 16
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, AVEE = 0 V, differential input swing = 1000 mV, pattern = PRBS 27 − 1,
data rate = 2.25 Gbps, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, unless otherwise noted.
0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
25
480p
1080i/720p
HDMI CABLE LENGTH (Meters)
2m TO 5m = 30AWG
10m = 28AWG
20m = 24AWG
1080p
8-BIT
1080p
12-BIT
Figure 9. Jitter vs. Input Cable Length (See Figure 4 for Test Setup)
0
0.2
0.4
0.6
0.8
1.0
1.2
DATA RATE (Gbps)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Figure 10. Eye Height vs. Data Rate
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
SUPPLY VOLTAGE (V)
Figure 11. Eye Height vs. Supply Voltage
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
DATA RATE (Gbps)
DJ (p-p)
RJ (rms)
1080p
12-BIT
1.65Gbps
1080p
8-BIT
1080i/720p
480i
480p
Figure 12. Jitter vs. Data Rate
3.0
3.2
3.4
3.6
0
10
20
30
40
50
SUPPLY VOLTAGE (V)
DJ (p-p)
RJ (rms)
Figure 13. Jitter vs. Supply Voltage
0.5
1.0
1.5
02
0
10
20
30
40
50
DIFFERENTIAL INPUT SWING (V)
.0
DJ (p-p)
RJ (rms)
Figure 14. Jitter vs. Differential Input Swing


Numéro de pièce similaire - AD8194ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8194ACPZ AD-AD8194ACPZ Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8194ACPZ-R7 AD-AD8194ACPZ-R7 Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
More results

Description similaire - AD8194ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8194 AD-AD8194_15 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194 AD-AD8194_17 Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8193 AD-AD8193 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193 AD-AD8193_15 Datasheet
464Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Texas Instruments
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com