Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL1222101 Fiches technique(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

No de pièce SL1222101
Description  Erin Landis
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMETHERM [AMETHERM Circuit Protection Thermistors]
Site Internet  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL1222101 Fiches technique(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL1222101 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors SL1222101 Datasheet HTML 2Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
SL12 22101
Mechanical Specifications (mm)
Electrical Specifications
Max Steady State Current upto 65°c: 1.00
A
J
30
Max Rec. Energy Rating:
Actual Failure Instantaneous Energy: 65
J
4.20
Resistance @ 100% Max Current:
Resistance @ 50% Max Current: 8.14
°c
142.00
Body Temperature at 100% Max Current:
Dissipation Constant: 12.0
mw/°c
Sec.
50
Thermal Time Constant:
Material Type (for Beta and Curve): L
D: 12.0
.5
.5
5.5
T:
Lead Diameter
0.5
.1
Nom
7.8
S:
L: 38.0
Nom
1.0
5.0
Coating Lead Run Down
(straight Leads)
B: 6.35
.60
.50
3.42
C:
±
±
±
±
±
±
±
±
ISO9001:2008 Certified
File: E209153
Resistance: 220.0Ω ± 20 %
SL12 22101
02/14/2012
Erin Landis
Mehdi Samii
Ametherm, Inc.
3111 N. Deer Run Road
Carson City, Nevada USA 89701
www.ametherm.com
Drawn by:
Date:
Approved By:
Revison:


Numéro de pièce similaire - SL1222101

FabricantNo de pièceFiches techniqueDescription
logo
AMETHERM Circuit Protec...
SL1222101 AMETHERM-SL1222101 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1222101-A AMETHERM-SL1222101-A Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1222101-B AMETHERM-SL1222101-B Datasheet
29Kb / 1P
   Circuit Protection Thermistors
More results

Description similaire - SL1222101

FabricantNo de pièceFiches techniqueDescription
logo
AMETHERM Circuit Protec...
SL121R308 AMETHERM-SL121R308_14 Datasheet
33Kb / 2P
   Erin Landis
SL1010004 AMETHERM-SL1010004_14 Datasheet
31Kb / 2P
   Erin Landis
SL1215004 AMETHERM-SL1215004_14 Datasheet
31Kb / 2P
   Erin Landis
SL1225003 AMETHERM-SL1225003_14 Datasheet
31Kb / 2P
   Erin Landis
SL1525003 AMETHERM-SL1525003_14 Datasheet
31Kb / 2P
   Erin Landis
SL2250004 AMETHERM-SL2250004_14 Datasheet
33Kb / 2P
   Erin Landis
MS3510018 AMETHERM-MS3510018_14 Datasheet
29Kb / 2P
   Erin Landis
SL325R020 AMETHERM-SL325R020_14 Datasheet
35Kb / 3P
   Erin Landis
SL055R001 AMETHERM-SL055R001_14 Datasheet
29Kb / 2P
   Erin Landis
SL085R003 AMETHERM-SL085R003_14 Datasheet
31Kb / 2P
   Erin Landis
SL125R004 AMETHERM-SL125R004_14 Datasheet
30Kb / 2P
   Erin Landis
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com