Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N2060M Fiches technique(PDF) 1 Page - Central Semiconductor Corp

No de pièce 2N2060M
Description  SILICON DUAL NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N2060M Fiches technique(HTML) 1 Page - Central Semiconductor Corp

  2N2060M Datasheet HTML 1Page - Central Semiconductor Corp 2N2060M Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N2060M
SILICON
DUAL NPN TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N2060M is a silicon
dual NPN transistor utilizing two individual chips mounted
in a hermetically sealed metal case designed for
differential amplifier applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCER
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
7.0
V
Continuous Collector Current
IC
500
mA
Power Dissipation (One Die)
PD
500
mW
Power Dissipation (Both Dice)
PD
600
mW
Power Dissipation (One Die, TC=25°C)
PD
1.5
W
Power Dissipation (Both Dice, TC=25°C)
PD
3.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=80V
2.0
nA
IEBO
VEB=5.0V
2.0
nA
BVCBO
IC=100μA
100
V
BVCER
IC=10mA, RBE=10Ω
80
V
BVCEO
IC=30mA
60
V
BVEBO
IE=100μA
7.0
V
VCE(SAT)
IC=50mA, IB=5.0mA
1.2
V
VBE(SAT)
IC=50mA, IB=5.0mA
0.9
V
hFE
VCE=5.0V, IC=10μA
25
150
hFE
VCE=5.0V, IC=100μA
30
150
hFE
VCE=5.0V, IC=1.0mA
40
150
hFE
VCE=5.0V, IC=10mA
50
200
fT
VCE=10V, IC=50mA, f=20MHz
60
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
15
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
85
pF
NF
VCE=10V, IC=300μA, RS=510Ω,
f=1.0kHz, BW=200Hz
8.0
dB
TO-78 CASE
R1 (2-December 2013)
www.centr a lsemi.com


Numéro de pièce similaire - 2N2060M

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
2N2060M CENTRAL-2N2060M_15 Datasheet
435Kb / 2P
   SILICON DUAL NPN TRANSISTOR
More results

Description similaire - 2N2060M

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
MD918 CENTRAL-MD918 Datasheet
65Kb / 2P
   NPN DUAL SILICON TRANSISTOR
2N5793 CENTRAL-2N5793 Datasheet
67Kb / 1P
   NPN SILICON DUAL TRANSISTOR
MD918 CENTRAL-MD918_15 Datasheet
69Kb / 2P
   NPN SILICON DUAL TRANSISTOR
MD8001 CENTRAL-MD8001_15 Datasheet
51Kb / 1P
   NPN SILICON DUAL TRANSISTOR
2N2917 CENTRAL-2N2917_15 Datasheet
87Kb / 2P
   NPN SILICON DUAL TRANSISTOR
logo
Microsemi Corporation
JANS2N2920 MICROSEMI-JANS2N2920 Datasheet
293Kb / 4P
   NPN SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
2N2918 CENTRAL-2N2918_15 Datasheet
422Kb / 2P
   DUAL SILICON NPN TRANSISTOR
logo
Microsemi Corporation
2N5793 MICROSEMI-2N5793 Datasheet
131Kb / 2P
   NPN SILICON DUAL TRANSISTOR
2N2919 MICROSEMI-2N2919 Datasheet
304Kb / 4P
   NPN SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
2N2918 CENTRAL-2N2918 Datasheet
422Kb / 2P
   DUAL SILICON NPN TRANSISTOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com