Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMOC3021H Fiches technique(PDF) 1 Page - COSMO Electronics Corporation

No de pièce KMOC3021H
Description  5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3021H Fiches technique(HTML) 1 Page - COSMO Electronics Corporation

  KMOC3021H Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3021H Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3021H Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3021H Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3021H Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3021H Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3021H Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3021H Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3021H Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P41001.1
- 1 -
http://www.cosmo-ic.com
cosmo
KMOC302X Series
5PIN RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
Description
The KMOC3021 、 KMOC3022 、 KMOC3023
series are optically isolated TRIAC driver devices.
These series contain a GaAs infrared emitting diode
and a light activated silicon bilateral switch, which
functions like a TRIAC. They are designed for
interfacing between electronic controls and power
TRIACs to control resistive and inductive loads for
115 VAC operations.
Schematic
1
2
3
6
4
1. Anode
2. Cathode
3. NC
4. Main terminal
6. Main terminal
Features
1. Pb free and RoHS compliant
2. 400V peak blocking voltage
3. Simplifies logic control of 115 VAC power
4. Non zero voltage crossing
5. Isolation voltage between input and output (Viso:5300Vms)
6. Agency Approvals:
UL1577, File No. E169586
CUL C22.2 No.1 & NTC No.5, File No. E169586
VDE EN60747-5-5 , File No. 101347
FIMKO EN60065 , NCS/FI 23146 A1 / EN60950 , File No. FI 25802 (for KMOC3022 series only)
• SEMKO EN60065 , File No. 1016474(for KMOC3022 series only)
Applications
Solenoid/Valve controls
Lighting controls
Static power switches
AC motor drives
Temperature controls
E.M contactors
AC motor contactors
Solid state relay
Programmable controllers


Numéro de pièce similaire - KMOC3021H

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC3021H COSMO-KMOC3021H Datasheet
86Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3021H COSMO-KMOC3021H Datasheet
261Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results

Description similaire - KMOC3021H

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC305X COSMO-KMOC305X_15 Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X Datasheet
214Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X_15 Datasheet
261Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3011 COSMO-KMOC3011_15 Datasheet
249Kb / 10P
   4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3616 COSMO-KTLP3616_15 Datasheet
250Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3502 COSMO-KTLP3502_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3506 COSMO-KTLP3506_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP165J COSMO-KTLP165J_15 Datasheet
207Kb / 9P
   4PIN MINI-FLAT RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com