Moteur de recherche de fiches techniques de composants électroniques |
|
MC1489 Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
MC1489 Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 22 page PACKAGE OPTION ADDENDUM www.ti.com 10-Jun-2014 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples SN75189ANSRG4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 SN75189A SN75189D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 SN75189 SN75189DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 SN75189 SN75189DRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 SN75189 SN75189N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN75189N SN75189NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN75189N SN75189NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 SN75189 SNJ55189AFK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 5962- 86888022A SNJ55 189AFK SNJ55189AJ ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8688802CA SNJ55189AJ SNJ55189AW ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8688802DA SNJ55189AW SNJ55189FK OBSOLETE LCCC FK 20 TBD Call TI Call TI -55 to 125 SNJ55189J OBSOLETE CDIP J 14 TBD Call TI Call TI -55 to 125 (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. |
Numéro de pièce similaire - MC1489 |
|
Description similaire - MC1489 |