Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A-392G Fiches technique(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

No de pièce A-392G
Description  0.39 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Site Internet  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-392G Fiches technique(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-392G Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
0.39
INCH
DUAL
DIGITS
DISPLAY
A-392G B/W
REV:A / 0
PACKAGE DIMENSIONS
NOTES : 1. All dimensions are in millimeters. (inches)
2. Tolerance is
6 0.25(0.010") unless otherwise specified.
3. Pls. contact with us when your production need to be
operated under the Pb free process.
DRAWING NO. : DS-12-10-0028
DATE : 2010-05-08
Page : 2
Release
by
PARALIGHTDCC


Numéro de pièce similaire - A-392G

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
A-392G ETC-A-392G Datasheet
107Kb / 1P
   DUAL DIGITS DISPLAY
More results

Description similaire - A-392G

FabricantNo de pièceFiches techniqueDescription
logo
PARA LIGHT ELECTRONICS ...
A-392SR-L24 PARALIGHT-A-392SR-L24 Datasheet
198Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392E PARALIGHT-C-392E Datasheet
200Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392G PARALIGHT-C-392G Datasheet
198Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
A-392E-L165-EP-A PARALIGHT-A-392E-L165-EP-A Datasheet
213Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
A-392Y PARALIGHT-A-392Y Datasheet
196Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392SR-EP-A PARALIGHT-C-392SR-EP-A Datasheet
203Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
logo
Ningbo Foryard Optoelec...
FYT-3931AX-00 FORYARD-FYT-3931AX-00 Datasheet
475Kb / 5P
   0.39 Inch (10.00mm) digit height Three Digits Display
logo
PARA LIGHT ELECTRONICS ...
A-362G-L60 PARALIGHT-A-362G-L60 Datasheet
197Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
A-402G PARALIGHT-A-402G Datasheet
215Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402G-10 PARALIGHT-A-402G-10 Datasheet
201Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com