Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KAQW612H Fiches technique(PDF) 1 Page - COSMO Electronics Corporation

No de pièce KAQW612H
Description  8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW612H Fiches technique(HTML) 1 Page - COSMO Electronics Corporation

  KAQW612H Datasheet HTML 1Page - COSMO  Electronics Corporation KAQW612H Datasheet HTML 2Page - COSMO  Electronics Corporation KAQW612H Datasheet HTML 3Page - COSMO  Electronics Corporation KAQW612H Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW612H Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW612H Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW612H Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW612H Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW612H Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M22001.1
- 1 -
http://www.cosmo-ic.com
cosmo
KAQW612 Series
8PIN 60V N.O.+N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Description
The KAQW612 series contains two independent 1
Form A and 1 Form B SPST relays. The relays is
constructed using a GaAlAs LED for actuation control and
an integrated monolithic dies for the switch output. The
die, fabricated in a high-voltage dielectrically isolated
technology, is comprised of a photodiode array, switch
control circuitry and MOSFET switches.
 Schematic
1
2
8
7
3
4
6
5
1 FORM A/B
6
8
5
7
3
4
1
2
1 FORM C
 Features
1. Normally open and close, single pole single throw
2. Control 60V AC or DC voltage
3. Switch 200mA loads
4. Controls low-level analog signals
5. High sensitivity, low ON resistance
6. Low-level off-state leakage current
7. High isolation voltage
8. Pb free and RoHS compliant
9. Agency Approvals:
UL 1577 / CUL C22.2 No.1 & NTC No. 5, File No. E169586
UL 508 / CUL C22.2 No.14-M91, File No. E108430
VDE EN60747-5-2, No. 40020973
 Application
Telecommunications (PC, electronic notepad)
Modem
Telephone equipment
Security equipment
Sensors
Measuring and testing equipment
Factory automation equipment
High speed inspection machines


Numéro de pièce similaire - KAQW612H

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KAQW612A COSMO-KAQW612A Datasheet
182Kb / 10P
   PRODUCT SPECIFICATION
KAQW612ATL COSMO-KAQW612ATL Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612ATR COSMO-KAQW612ATR Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612STL COSMO-KAQW612STL Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612STR COSMO-KAQW612STR Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Description similaire - KAQW612H

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412 COSMO-KAQW412_15 Datasheet
276Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412 COSMO-KAQW412 Datasheet
632Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW212 COSMO-KAQW212_15 Datasheet
250Kb / 12P
   8PIN 60V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW414 COSMO-KAQW414_15 Datasheet
247Kb / 12P
   8PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW210 COSMO-KAQW210_15 Datasheet
248Kb / 12P
   8PIN 350V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW213 COSMO-KAQW213 Datasheet
480Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW216 COSMO-KAQW216 Datasheet
467Kb / 12P
   8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW217 COSMO-KAQW217_15 Datasheet
249Kb / 12P
   8PIN 200V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com