Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMOC3053 Fiches technique(PDF) 3 Page - COSMO Electronics Corporation

No de pièce KMOC3053
Description  5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3053 Fiches technique(HTML) 3 Page - COSMO Electronics Corporation

  KMOC3053 Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3053 Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3053 Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3053 Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3053 Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3053 Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3053 Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3053 Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3053 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P41002.1
- 3 -
http://www.cosmo-ic.com
cosmo
KMOC305X Series
5PIN RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Forward current
IF
50
mA
Peak forward current
IFM
1
A
Reverse voltage
VR
6
V
Input
Power dissipation
PD
70
mW
Off-state output terminal voltage
VDRM
600
VPEAK
On-state R.M.S. current
IT(RMS)
100
mA
Peak repetitive surge current (PW=10ms.DC 10%)
ITSM
1
A
Output
Power dissipation
PD
300
mW
Total power dissipation
Ptot
330
mW
Isolation voltage 1 minute
Viso
5300
Vrms
Operating temperature
Topr
-40 to +115
Storage temperature
Tstg
-50 to +125
Soldering temperature 10 seconds
Tsol
260
Electro-optical Characteristics
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF=10mA
-
1.2
1.4
V
Input
Reverse current
IR
VR=4V
-
-
10
μA
Peak blocking current
IDRM
VDRM Rated
-
-
500
nA
Output
On-state voltage
VTM
ITM=100mA
-
1.6
3
V
Holding current
IH
-
0.1
-
mA
Critical rate of rise of off-state
voltage
dv/dt
VDRM=(1/ 2 )*Rated
1000
-
-
V/μs
Isolation resistance
Riso
DC500V
5x10
10 1011
-
KMOC3051
-
-
15
mA
KMOC3052
-
-
10
mA
Minimum trigger current
IFT
Main terminal
voltage=3V
KMOC3053
-
-
5
mA
Transfe
r
charac-
teristics
Turn-on time
TON
VD=6V,RL=100Ω,IF=20mA
-
-
100
μs
Static dv/dt Test Circuit
R=10KΩ
X100
SCOPE
PROBE
D.U.T
CTEST
Vdc
RTEST
MERCURY
WETTED
RELAY
PULSE
INPUT
APPLIED VOLTAGE
WAVEFORM
0 VOLTS
Vmax
dv/dt =
0.63 Vmax
τRC
τRC
0.63 Vmax


Numéro de pièce similaire - KMOC3053

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC3053 COSMO-KMOC3053 Datasheet
365Kb / 2P
   HIGH RELIABILITY PHOTOCOUPLER
KMOC3053 COSMO-KMOC3053 Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3053H COSMO-KMOC3053H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3053H COSMO-KMOC3053H Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3053L COSMO-KMOC3053L Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results

Description similaire - KMOC3053

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KMOC302X COSMO-KMOC302X Datasheet
213Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X_15 Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X_15 Datasheet
261Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3011 COSMO-KMOC3011_15 Datasheet
249Kb / 10P
   4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3616 COSMO-KTLP3616_15 Datasheet
250Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3502 COSMO-KTLP3502_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3506 COSMO-KTLP3506_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP165J COSMO-KTLP165J_15 Datasheet
207Kb / 9P
   4PIN MINI-FLAT RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com