Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KAQV412HA Fiches technique(PDF) 11 Page - COSMO Electronics Corporation

No de pièce KAQV412HA
Description  6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV412HA Fiches technique(HTML) 11 Page - COSMO Electronics Corporation

Back Button KAQV412HA Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV412HA Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV412HA Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV412HA Datasheet HTML 7Page - COSMO  Electronics Corporation KAQV412HA Datasheet HTML 8Page - COSMO  Electronics Corporation KAQV412HA Datasheet HTML 9Page - COSMO  Electronics Corporation KAQV412HA Datasheet HTML 10Page - COSMO  Electronics Corporation KAQV412HA Datasheet HTML 11Page - COSMO  Electronics Corporation KAQV412HA Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M11001.1
- 11 -
http://www.cosmo-ic.com
cosmo
KAQV412 Series
6PIN 60V N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 6-pin SOP Carrier Tape & Reel
0.30
4.00
2.00
12.00
1.5
16.4
2.0
Direction of feed from reel
TL
Direction of feed from reel
TR
Unit
mm
TOLERANCE
±0.2mm


Numéro de pièce similaire - KAQV412HA

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KAQV412A COSMO-KAQV412A Datasheet
172Kb / 7P
   PRODUCT SPECIFICATION
KAQV412ATL COSMO-KAQV412ATL Datasheet
291Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412ATR COSMO-KAQV412ATR Datasheet
291Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412STL COSMO-KAQV412STL Datasheet
291Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412STR COSMO-KAQV412STR Datasheet
291Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Description similaire - KAQV412HA

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KAQV412 COSMO-KAQV412_15 Datasheet
291Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414 COSMO-KAQV414_15 Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414 COSMO-KAQV414 Datasheet
489Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY412 COSMO-KAQY412_15 Datasheet
277Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412 COSMO-KAQW412_15 Datasheet
276Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY412 COSMO-KAQY412 Datasheet
493Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412 COSMO-KAQW412 Datasheet
632Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV212 COSMO-KAQV212_15 Datasheet
264Kb / 12P
   6PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612 Datasheet
488Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com