Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL22313 Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL22313
Description  Single Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22313 Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL22313 Datasheet HTML 6Page - Intersil Corporation ISL22313 Datasheet HTML 7Page - Intersil Corporation ISL22313 Datasheet HTML 8Page - Intersil Corporation ISL22313 Datasheet HTML 9Page - Intersil Corporation ISL22313 Datasheet HTML 10Page - Intersil Corporation ISL22313 Datasheet HTML 11Page - Intersil Corporation ISL22313 Datasheet HTML 12Page - Intersil Corporation ISL22313 Datasheet HTML 13Page - Intersil Corporation ISL22313 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6421.0
July 17, 2007
Pin Description
Potentiometers Pins
RH and RL
The high (RH) and low (RL) terminals of the ISL22313 are
equivalent to the fixed terminals of a mechanical
potentiometer. RH and RL are referenced to the relative
position of the wiper and not the voltage potential on the
terminals. With WR set to 255 decimal, the wiper will be
closest to RH, and with the WR set to 0, the wiper is closest
to RL.
RW
RW is the wiper terminal, and it is equivalent to the movable
terminal of a mechanical potentiometer. The position of the
wiper within the array is determined by the WR register.
Bus Interface Pins
Serial Data Input/Output (SDA)
The SDA is a bidirectional serial data input/output pin for I2C
interface. It receives device address, operation code, wiper
address and data from an I2C external master device at the
rising edge of the serial clock SCL, and it shifts out data after
each falling edge of the serial clock.
SDA requires an external pull-up resistor, since it is an open
drain input/output.
Serial Clock (SCL)
This input is the serial clock of the I2C serial interface. SCL
requires an external pull-up resistor, since it is an open drain
input.
FIGURE 11. TC FOR RHEOSTAT MODE IN ppm
FIGURE 12. FREQUENCY RESPONSE (1MHz)
FIGURE 13. MIDSCALE GLITCH, CODE 7Fh TO 80h
FIGURE 14. LARGE SIGNAL SETTLING TIME
Typical Performance Curves (Continued)
0
100
200
300
400
500
16
66
116
166
216
TAP POSITION (DECIMAL)
50k
10k
OUTPUT
INPUT
WIPER AT MID POINT (POSITION 80h)
RTOTAL = 10kΩ
SCL
WIPER
CS
WIPER UNLOADED,
MOVEMENT FROM 0h to FFh
ISL22313


Numéro de pièce similaire - ISL22313

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL22313 INTERSIL-ISL22313 Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
ISL22313 INTERSIL-ISL22313 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
ISL22313 INTERSIL-ISL22313 Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
logo
Renesas Technology Corp
ISL22313 RENESAS-ISL22313 Datasheet
1Mb / 15P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
logo
Intersil Corporation
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
More results

Description similaire - ISL22313

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com