Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL22313 Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL22313
Description  Single Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22313 Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL22313 Datasheet HTML 5Page - Intersil Corporation ISL22313 Datasheet HTML 6Page - Intersil Corporation ISL22313 Datasheet HTML 7Page - Intersil Corporation ISL22313 Datasheet HTML 8Page - Intersil Corporation ISL22313 Datasheet HTML 9Page - Intersil Corporation ISL22313 Datasheet HTML 10Page - Intersil Corporation ISL22313 Datasheet HTML 11Page - Intersil Corporation ISL22313 Datasheet HTML 12Page - Intersil Corporation ISL22313 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN6421.0
July 17, 2007
FIGURE 5. ZS ERROR vs TEMPERATURE
FIGURE 6. FS ERROR vs TEMPERATURE
FIGURE 7. DNL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 8. INL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 9. END TO END RTOTAL % CHANGE vs
TEMPERATURE
FIGURE 10. TC FOR VOLTAGE DIVIDER MODE IN ppm
Typical Performance Curves (Continued)
0
0.4
0.8
1.2
1.6
2.0
-40
0
40
80
120
TEMPERATURE (ºC)
VCC = 2.25V
VCC = 5.5V
50k
10k
-5
-4
-3
-2
-1
0
-40
0
40
80
120
TEMPERATURE (ºC)
VCC = 5.5V
10k
50k
VCC = 2.25V
-0.50
-0.25
0
0.25
0.5
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VCC = 2.25V
VCC = 5.5V
T = +25ºC
-0.5
0
0.5
1.0
1.5
2.0
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VCC = 5.5V
T = +25ºC
VCC = 2.25V
-0.40
0.00
0.40
0.80
1.20
1.60
-40
0
40
80
120
10k
50k
5.5V
2.25V
TEMPERATURE (ºC)
0
40
80
120
160
200
16
66
116
166
TAP POSITION (DECIMAL)
50k
10k
216
266
ISL22313


Numéro de pièce similaire - ISL22313

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL22313 INTERSIL-ISL22313 Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
ISL22313 INTERSIL-ISL22313 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
ISL22313 INTERSIL-ISL22313 Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
logo
Renesas Technology Corp
ISL22313 RENESAS-ISL22313 Datasheet
1Mb / 15P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
logo
Intersil Corporation
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
More results

Description similaire - ISL22313

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com