Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7473TR Fiches technique(PDF) 6 Page - International Rectifier

No de pièce IRF7473TR
Description  Telecom and Data-Com 24 and 48V input DC-DC converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7473TR Fiches technique(HTML) 6 Page - International Rectifier

  IRF7473TR Datasheet HTML 1Page - International Rectifier IRF7473TR Datasheet HTML 2Page - International Rectifier IRF7473TR Datasheet HTML 3Page - International Rectifier IRF7473TR Datasheet HTML 4Page - International Rectifier IRF7473TR Datasheet HTML 5Page - International Rectifier IRF7473TR Datasheet HTML 6Page - International Rectifier IRF7473TR Datasheet HTML 7Page - International Rectifier IRF7473TR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF7473
6
www.irf.com
Fig 13. On-Resistance Vs. Gate Voltage
Fig 12. On-Resistance Vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
Vs. Drain Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
QG
QGS
QGD
VG
Charge
25
50
75
100
125
150
0
100
200
300
400
Starting T , Junction Temperature( C)
J
°
ID
TOP
BOTTOM
1.8A
3.3A
4.1A
6.0
8.0
10.0
12.0
14.0
16.0
VGS, Gate -to -Source Voltage (V)
0.020
0.025
0.030
0.035
ID = 6.9A
0
20
40
60
ID , Drain Current (A)
0.022
0.024
0.026
0.028
VGS = 10V
tp
V(BR)DSS
IAS
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
10V


Numéro de pièce similaire - IRF7473TR

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
IRF7473TRPBF ISC-IRF7473TRPBF Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
IRF7473TRPBF VBSEMI-IRF7473TRPBF Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Description similaire - IRF7473TR

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7473PBF IRF-IRF7473PBF_15 Datasheet
132Kb / 8P
   Telecom and Data-Com 24 and 48V input DC-DC converters
logo
TDK Electronics
PAF600F TDK-PAF600F Datasheet
225Kb / 2P
   24V 48V Input Full brick DC-DC Converters
logo
Interpoint Corporation ...
MHE1205S INTERPOINT-MHE1205S Datasheet
174Kb / 11P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MHE2812S CRANE-MHE2812S Datasheet
134Kb / 9P
   DC/DC CONVERTERS 12 AND 28 VOLT INPUT
logo
Unisonic Technologies
2SD2470 UTC-2SD2470 Datasheet
36Kb / 3P
   STROBO AND DC/DC CONVERTERS
2SD2470 UTC-2SD2470_15 Datasheet
152Kb / 3P
   STROBO AND DC/DC CONVERTERS
logo
Bel Fuse Inc.
STM48 BEL-STM48 Datasheet
1Mb / 30P
   48V-to-PoL isolated DC-DC converters
logo
ORION FANS
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
   DC Fan - 12V, 24V and 48V
OD172SAPL ORIONFANS-OD172SAPL Datasheet
648Kb / 1P
   DC Fan - 12, 24, 48V
logo
Bel Fuse Inc.
07CR-15T BEL-07CR-15T Datasheet
125Kb / 5P
   ISOLATED DC/DC CONVERTERS 48V Input 8V/15A Output, 1/8 Brick
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com