Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-0302 Fiches technique(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-0302
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0302 Fiches technique(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0302 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0302 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Switching Specifications (AC)
Over recommended operating conditions unless otherwise specified.
Parameter
Symbol Min. Typ. Max. Units Test Conditions
Fig. Note
Propagation Delay Time to High
tPLH
0.1
0.2 0.7
µs
Rg=75Ω, Cg = 1.5 nF,
8, 9
14
Output Level
f = 10 kHz, Duty Cycle = 50%, 10, 11
IF = 7 mA, VCC = 30 V
12, 15
Propagation Delay Time to Low
tPHL
0.1
0.2 0.7
µs
Output Level
Propagation Delay Difference
PDD
–0.5
0.5
µs
10
Between Any Two Parts or Channels
Rise Time
tR
50
ns
Fall Time
tF
50
ns
Output High Level Common Mode
|CMH|
10
kV/µs TA = 25°C, VCM = 1000 V
16
11
Transient Immunity
Output Low Level Common Mode
|CML|
10
kV/µs
16
12
Transient Immunity
Electrical Specifications (DC)
Over recommended operating conditions unless otherwise specified.
Parameter
Symbol Min.
Typ.
Max. Units Test Conditions Fig.
Note
High Level Output Current
IOH
0.15
A
VO = VCC – 4
5
0.2
0.3
A
VO = VCC – 10
2
2
Low Level Output Current
IOL
0.15
A
VO = VEE + 2.5
5
0.2
0.3
A
VO = VEE + 10
4
2
High Level Output Voltage
VOH
VCC – 4 VCC – 1.8
V
IO = –100 mA
1
6, 7
Low Level Output Voltage
VOL
0.4
1
V
IO = 100 mA
3
High Level Supply Current
ICCH
0.7
3
mA
IO = 0 mA
5, 6
14
Low Level Supply Current
ICCL
1.2
3
mA
IO = 0 mA
Threshold Input Current Low to High
IFLH
6
mA
IO = 0 mA,
7, 13
VO > 5 V
Threshold Input Voltage High to Low
VFHL
0.8
V
Input Forward Voltage
VF
1.2
1.5
1.8
V
IF = 10 mA
14
Temperature Coefficient of Input
DVF/DTA
–1.6
mV/°C
Forward Voltage
Input Reverse Breakdown Voltage
BVR
5
V
IR = 10 µA
Input Capacitance
CIN
60
pF
f = 1 MHz,
VF = 0 V


Numéro de pièce similaire - HCPL-0302

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
HCPL-0302 ETC1-HCPL-0302 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
260Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Description similaire - HCPL-0302

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com